Electronic Components Datasheet Search
  English  ▼

X  

AD9629 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9629
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9629 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9629 Datasheet HTML 25Page - Analog Devices AD9629 Datasheet HTML 26Page - Analog Devices AD9629 Datasheet HTML 27Page - Analog Devices AD9629 Datasheet HTML 28Page - Analog Devices AD9629 Datasheet HTML 29Page - Analog Devices AD9629 Datasheet HTML 30Page - Analog Devices AD9629 Datasheet HTML 31Page - Analog Devices AD9629 Datasheet HTML 32Page - Analog Devices AD9629 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AD9629
Data Sheet
Rev. B | Page 30 of 32
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting design and layout of the AD9629 as a system,
it is recommended that the designer become familiar with these
guidelines, which discuss the special circuit connections and
layout requirements needed for certain pins.
Power and Ground Recommendations
When connecting power to the AD9629, it is strongly recom-
mended that two separate supplies be used. Use one 1.8 V supply
for analog (AVDD); use a separate 1.8 V to 3.3 V supplyfor the
digital output supply (DRVDD). If a common 1.8 V AVDD and
DRVDD supply must be used, the AVDD and DRVDD domains
must be isolated with a ferrite bead or filter choke and separate
decoupling capacitors. Several different decoupling capacitors
can be used to cover both high and low frequencies. Locate
these capacitors close to the point of entry at the PCB level
and close to the pins of the part, with minimal trace length.
A single PCB ground plane should be sufficient when using the
AD9629. With proper decoupling and smart partitioning of the
PCB analog, digital, and clock sections, optimum performance
is easily achieved.
When powering down the AD9629, power off AVDD and
DRVDD simultaneously, or DRVDD must be removed before
AVDD.
Exposed Paddle Thermal Heat Sink Recommendations
The exposed paddle (Pin 0) is the only ground connection for
the AD9629; therefore, it must be connected to analog ground
(AGND) on the customer’s PCB. To achieve the best electrical
and thermal performance, mate an exposed (no solder mask)
continuous copper plane on the PCB to the AD9629 exposed
paddle, Pin 0.
The copper plane should have several vias to achieve the
lowest possible resistive thermal path for heat dissipation to
flow through the bottom of the PCB. Fill or plug these vias
with nonconductive epoxy.
To maximize the coverage and adhesion between the ADC and
the PCB, a silkscreen should be overlaid to partition thecontinuous
plane on the PCB into several uniform sections. This provides
several tie points betweenthe ADC and the PCBduringthe reflow
process. Using one continuous plane with no partitions guarantees
only one tie pointbetween the ADC and the PCB. For detailed
information about packaging and PCBlayout of chip scale
packages, see the AN-772 Application Note, A Design and
Manufacturing Guide for the Lead Frame Chip Scale Package
(LFCSP), at www.analog.com.
Encode Clock
For optimum dynamic performance a low jitter encode clock
source with a 50% duty cycle ±5% should be used to clock the
AD9629.
VCM
The VCM pin should be decoupled to ground with a 0.1 μF
capacitor, as shown in Figure 38.
RBIAS
The AD9629 requires that a 10 kΩ resistor be placed between
the RBIAS pin and ground. This resistor sets the master current
reference of theADC core and should have atleast a 1% tolerance.
Reference Decoupling
Externally decouple the VREF pin to ground with a low ESR,
1.0 μF capacitor in parallel with a low ESR, 0.1 μF ceramic
capacitor.
SPI Port
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK, CSB, and SDIO signals are typically asynchronous to the
ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices,
it may be necessary to provide buffers between this bus and the
AD9629 to keep these signals fromtransitioningat the converter
inputs during critical sampling periods.
Soft Reset
In applications where DRVDD ≥ 2.75 V, do not perform soft
reset (Register 0x00 Bit 2 and Bit 5 = 1). Soft reset restores
AD9629 defaults already available at power-up and is not
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com