Electronic Components Datasheet Search
  English  ▼

X  

AD9629 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9629
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9629 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9629 Datasheet HTML 24Page - Analog Devices AD9629 Datasheet HTML 25Page - Analog Devices AD9629 Datasheet HTML 26Page - Analog Devices AD9629 Datasheet HTML 27Page - Analog Devices AD9629 Datasheet HTML 28Page - Analog Devices AD9629 Datasheet HTML 29Page - Analog Devices AD9629 Datasheet HTML 30Page - Analog Devices AD9629 Datasheet HTML 31Page - Analog Devices AD9629 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Data Sheet
AD9629
Rev. B | Page 27 of 32
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 16 are not currently supported for this device.
Table 16.
Addr
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
Chip Configuration Registers
0x00
SPI port
configuration
0
LSB
first
Soft
reset1
1
1
Soft reset1
LSB
first
0
0x18
The nibbles are
mirrored so that LSB
or MSB first mode
registers correctly,
regardless of shift
mode
0x01
Chip ID
8-bit chip ID, Bits[7:0]
AD9629 = 0x70
Read
only
Unique chip ID used
to differentiate
devices; read only
0x02
Chip grade
Open
Speed grade ID, Bits[6:4]
(identify device variants of
chip ID)
20 MSPS = 000
40 MSPS = 001
65 MSPS = 010
80 MSPS = 011
Open
Read
only
Unique speed grade
ID used to
differentiate devices;
Read only
Device Index and Transfer Register
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Transfer
0x00
Synchronously
transfers data from
the master shift
register to the slave
Program Registers
0x08
Modes
External
Pin 23
mode
input
enable
External Pin 23
function when high
00 = full power
down
01 = standby
10 = normal
mode: output
disabled
11 = normal
mode: output
enabled
Open
Open
Open
00 = chip run
01 = full power down
10 = standby
11 = chip wide digital
reset
0x00
Determines various
generic modes of
chip operation
0x0B
Clock divide
Open
Clock divider, Bits[2:0]
Clock divide ratio
000 = divide-by-1
001 = divide-by-2
011 = divide-by-4
0x00
The divide ratio is
the value plus 1
0x0D
Test mode
User test mode
00 = single
01 = alternate
10 = single once
11 = alternate
once
Reset PN
long gen
Reset
PN
short
gen
Output test mode, Bits[3:0] (local)
0000 = off (default)
0001 = midscale short
0010 = positive FS
0011 = negative FS
0100 = alternating checkerboard
0101 = PN 23 sequence
0110 = PN 9 sequence
0111 = 1/0 word toggle
1000 = user input
1001 = one/zero bit toggle
1010 = 1× sync
1011 = one bit high
1100 = mixed bit frequency
0x00
When set, the test
data is placed on the
output pins in place
of normal data
0x0E
BIST enable
Open
Open
Open
Open
Open
BIST INIT
Open
BIST enable
0x00
When Bit 0 is set, the
built-in self-test
function is initiated
0x10
Offset adjust
8-bit device offset adjustment [7:0] (local)
Offset adjust in LSBs from +127 to −128 (twos complement format)
0x00
Device offset trim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com