Electronic Components Datasheet Search
  English  ▼

X  

AD9629 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9629
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9629 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9629 Datasheet HTML 13Page - Analog Devices AD9629 Datasheet HTML 14Page - Analog Devices AD9629 Datasheet HTML 15Page - Analog Devices AD9629 Datasheet HTML 16Page - Analog Devices AD9629 Datasheet HTML 17Page - Analog Devices AD9629 Datasheet HTML 18Page - Analog Devices AD9629 Datasheet HTML 19Page - Analog Devices AD9629 Datasheet HTML 20Page - Analog Devices AD9629 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AD9629
Data Sheet
Rev. B | Page 16 of 32
EQUIVALENT CIRCUITS
AVDD
VIN±
Figure 26. Equivalent Analog Input Circuit
7.5kΩ
VREF
375Ω
AVDD
Figure 27. Equivalent VREF Circuit
SENSE
375Ω
AVDD
Figure 28. Equivalent SENSE Circuit
CLK+
CLK–
0.9V
15kΩ
5Ω
5Ω
15kΩ
Figure 29. Equivalent Clock Input Circuit
DRVDD
Figure 30. Equivalent D0 to D11 and OR Digital Output Circuit
350Ω
DRVDD
30kΩ
SCLK/DFS, MODE,
SDIO/PDWN
Figure 31. Equivalent SCLK/DFS, MODE, and SDIO/PDWN Input Circuit
30kΩ
CSB
350Ω
AVDD
DRVDD
Figure 32. Equivalent CSB Input Circuit
RBIAS
AND VCM
375Ω
AVDD
Figure 33. Equivalent RBIAS and VCM Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com