Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6431 Datasheet(PDF) 196 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 196 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 192Page - Texas Instruments TMS320DM6431 Datasheet HTML 193Page - Texas Instruments TMS320DM6431 Datasheet HTML 194Page - Texas Instruments TMS320DM6431 Datasheet HTML 195Page - Texas Instruments TMS320DM6431 Datasheet HTML 196Page - Texas Instruments TMS320DM6431 Datasheet HTML 197Page - Texas Instruments TMS320DM6431 Datasheet HTML 198Page - Texas Instruments TMS320DM6431 Datasheet HTML 199Page - Texas Instruments TMS320DM6431 Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 227 page
background image
6.15 High-End Controller Area Network Controller (HECC)
6.15.1 HECC Device-Specific Information
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
The DM6431 device has a High-End Controller Area Network Controllers (HECC). The HECC uses
established protocol to communicate serially with other controllers in harsh environments. The HECC is
fully compliant with the Controller Area Network (CAN) protocol, version 2.0B.
Key features of the HECC include the following:
• CAN, version 2.0B compliant
• 32 RX/TX message objects
• 32 receive identifier masks
• Programmable wake-up on bus activity
• Programmable interrupt scheme
• Automatic reply to a remote request
• Automatic re-transmission in case of error or loss of arbitration
• Protection against reception of a new message
• 32-bit time stamp
• Local network time counter
• Programmable priority register for each message
• Programmable transmission and reception time-out
• HECC/SCC mode of operation
• Standard-Extended Identifier
• Self-test mode
For more details on the HECC, see the TMS320DM643x High-End CAN Controller (HECC) User's Guide
(literature number SPRU981).
Software must not access "Reserved" locations of the HECC. Access to HECC "Reserved" locations may
hang the device.
196
Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com