Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6431 Datasheet(PDF) 200 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 200 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 196Page - Texas Instruments TMS320DM6431 Datasheet HTML 197Page - Texas Instruments TMS320DM6431 Datasheet HTML 198Page - Texas Instruments TMS320DM6431 Datasheet HTML 199Page - Texas Instruments TMS320DM6431 Datasheet HTML 200Page - Texas Instruments TMS320DM6431 Datasheet HTML 201Page - Texas Instruments TMS320DM6431 Datasheet HTML 202Page - Texas Instruments TMS320DM6431 Datasheet HTML 203Page - Texas Instruments TMS320DM6431 Datasheet HTML 204Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 227 page
background image
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 6-58. HECC Message Object Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C2 5168
MOTO26
Message Object Time-Out Register for Mailbox 26
01C2 516C
MOTO27
Message Object Time-Out Register for Mailbox 27
01C2 5170
MOTO28
Message Object Time-Out Register for Mailbox 28
01C2 5174
MOTO29
Message Object Time-Out Register for Mailbox 29
01C2 5178
MOTO30
Message Object Time-Out Register for Mailbox 30
01C2 517C
MOTO31
Message Object Time-Out Register for Mailbox 31
Table 6-59. HECC Message Mailbox RAM(1)(2)
HEX ADDRESS RANGE
DESCRIPTION
01C2 4000 – 01C2 400F
Mailbox 0 (4 32-bit Registers)
01C2 4010 – 01C2 401F
Mailbox 1 (4 32-bit Registers)
01C2 4020 – 01C2 402F
Mailbox 2 (4 32-bit Registers)
01C2 4030 – 01C2 403F
Mailbox 3 (4 32-bit Registers)
01C2 4040 – 01C2 404F
Mailbox 4 (4 32-bit Registers)
...
...
01C2 41E0 – 01C2 41EF
Mailbox 30 (4 32-bit Registers)
01C2 41F0 – 01C2 41FF
Mailbox 31 (4 32-bit Registers)
(1)
This table summarizes the address ranges for the Message Mailboxes 0 to 31. For the contents within each Message Mailbox RAM, see
Table 6-60, Message Mailbox n RAM Entries.
(2)
For SCC mode, only Mailboxes 0 to 15 are supported.
Table 6-60. HECC Message Mailbox n RAM Entries(1)
HEX ADDRESS
ACRONYM(2)
MAILBOX REGISTER NAME
OFFSET (within RAM)
0
MIDn
Message Identifier Register for Mailbox n
4
MCFn
Message Control Field Register for Mailbox n
8
MDLn
Message Data Low-Word Register for Mailbox n
C
MDHn
Message Data High-Word Register for Mailbox n
(1)
For the hex address range of Mailbox n, see Table 6-59, Message Mailbox RAM. For example, Message Mailbox 0 occupies hex
address range 0x01C2 4000 – 0x01C2 400F.
(2)
The suffix "n" indicates the Message Mailbox number. For example, Message Mailbox 0 has the following Message Mailbox Registers:
MID0, MCF0, MDL0, and MDH0.
Peripheral Information and Electrical Specifications
200
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com