Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6431 Datasheet(PDF) 197 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 197 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 193Page - Texas Instruments TMS320DM6431 Datasheet HTML 194Page - Texas Instruments TMS320DM6431 Datasheet HTML 195Page - Texas Instruments TMS320DM6431 Datasheet HTML 196Page - Texas Instruments TMS320DM6431 Datasheet HTML 197Page - Texas Instruments TMS320DM6431 Datasheet HTML 198Page - Texas Instruments TMS320DM6431 Datasheet HTML 199Page - Texas Instruments TMS320DM6431 Datasheet HTML 200Page - Texas Instruments TMS320DM6431 Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 227 page
background image
6.15.2
HECC Peripheral Register Description(s)
TMS320DM6431
Digital Media Processor
www.ti.com
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-57 through Table 6-60 show the High-End CAN Controller (HECC) registers. For more detailed
information, see the TMS320DM643x DMP High-End CAN Controller User’s Guide (literature number
SPRU981).
Table 6-57. HECC Control and Status Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C2 3000
CANME
Mailbox Enable Register
01C2 3004
CANMD
Mailbox Direction Register
01C2 3008
CANTRS
Transmission Request Set Register
01C2 300C
CANTRR
Transmission Request Reset Register
01C2 3010
CANTA
Transmission Acknowledge Register
01C2 3014
CANAA
Abort Acknowledge Register
01C2 3018
CANRMP
Receive Message Pending Register
01C2 301C
CANRML
Receive Message Lost Register
01C2 3020
CANRFP
Remote Frame Pending Register
01C2 3024
CANGAM
Global Acceptance Mask Register (SCC Mode Only)
01C2 3028
CANMC
Master Control Register
01C2 302C
CANBTC
Bit-Timing Configuration Register
01C2 3030
CANES
Error and Status Register
01C2 3034
CANTEC
Transmit Error Counter Register
01C2 3038
CANREC
Receive Error Counter Register
01C2 303C
CANGIF0
Global Interrupt Flag 0 Register
01C2 3040
CANGIM
Global Interrupt Mask Register
01C2 3044
CANGIF1
Global Interrupt Flag 1 Register
01C2 3048
CANMIM
Mailbox Interrupt Mask Register
01C2 304C
CANMIL
Mailbox Interrupt Level Register
01C2 3050
CANOPC
Overwrite Protection Control Register
01C2 3054
CANTIOC
Transmit I/O Control Register
01C2 3058
CANRIOC
Receive I/O Control Register
01C2 305C
CANLNT
Local Network Time Register (HECC Mode Only)
01C2 3060
CANTOC
Time-Out Control Register (HECC Mode Only)
01C2 3064
CANTOS
Time-Out Status Register (HECC Mode Only)
01C2 3068 – 01C2 306C
–
Reserved
01C2 3070
CANETC
Error Test Control Register
01C2 3074 – 01C2 307C
–
Reserved
01C2 3080
SCCLAM0
SCC Local Acceptance Mask Register 0 (SCC Mode Only)
01C2 3084 – 01C2 3088
–
Reserved
01C2 308C
SSCLAM3
SCC Local Acceptance Mask Register 3 (SCC Mode Only)
01C2 3090 – 01C2 4FFF
–
Reserved
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com