Electronic Components Datasheet Search
  English  ▼

X  

RT4805AWSC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT4805AWSC
Description  Synchronous Boost Regulator with Bypass Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805AWSC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT4805AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
RT4805A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4805A-02
April
2017
4
Operation
The RT4805A combined built-in power transistors,
synchronous rectification, and low supply current, it
provides a compact solution for system using advanced
Li-Ion battery chemistries.
In boost mode, output voltage regulation is guaranteed
to a maximum load current of 2A. Quiescent current in
Shutdown mode is less than 1
A, which maximizes
battery life.
Mode
Depiction
Condition
LIN
LIN 1
Linear startup 1
VIN > VOUT
LIN 2
Linear startup 2
VIN > VOUT
Soft-Start
Boost soft-start
VOUT < VOUT(MIN)
Boost
Boost mode
VOUT = VOUT(MIN)
Bypass
Bypass mode
VIN > VOUT(MIN)
LIN State
When VIN is rising, it enters the LIN State. There are
two parts for the LIN state. It provides maximum current
for 1A to charge the COUT in LIN1, and the other one is
for 2A in LIN2. By the way, the EN is pulled high and
VIN > UVLO.
As the figure shown, if the timeout is over the
specification, it will enter the Fault mode.
EN = 1,
Vin > UVLO
LIN 1
Soft-Start
LIN 2
Fault
State
Boost
mode
Timeout < 512
μs
Timeout > 512
μs
Timeout > 1024
μs
Timeout
< 1024
μs
Timeout > 2ms
Timeout < 2ms
Figure 1. RT4805A State Chart
Startup and Shutdown State
When VIN is rising and through the LIN state, it will
enter the Startup state. If EN is pulled low, any function
is turned-off in shutdown mode.
Soft-Start State
It starts to switch in Soft-start state. After the LIN state,
output voltage is rising with the internal reference
voltage.
There is a point, it will go to fault condition, if the large
output capacitor is used and the timeout is over 2ms
after the soft-start state.
Fault State
As the Figure 1 shown, it will enter to the Fault state as
below,
The timeout of LIN2 is over the 1024
s.
It is over the 2ms when the state changed from
Soft-start state to Boost mode.
It will be the high impedance between the input and
output when the fault is triggered. A restart will be start
after 1ms.
Boost Mode
There are two normal operation modes, one is the
Boost mode, and the other one is Bypass mode. In the
Boost mode, it provides the power to load by internal
synchronous switches after the soft-start state.
Bypass Mode
In Bypass mode, output voltage will increase with VIN
when input voltage is rising after the soft-start state.
Bypass Mode Operation
In automatic mode, it transits from Boost mode to
Bypass mode. As the Figure 2 shown, there are three
MOSFET (Q1 to Q3). The Q1 & Q2 is for Boost mode, it
is used by Q3 for Bypass mode. VOUT will be followed
the VIN when VIN is higher than the target output
voltage. As the Figure 3 shown, it is transited by bypass
MOSFET (Q3). VOUT followed the VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com