Electronic Components Datasheet Search
  English  ▼

X  

RT4805AWSC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT4805AWSC
Description  Synchronous Boost Regulator with Bypass Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805AWSC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT4805AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
RT4805A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4805A-02
April
2017
www.richtek.com
11
Output Ripple vs. Load Current
0
10
20
30
40
50
60
70
0
500
1000
1500
2000
Load Current (mA)
VOUT = 3.4V, ILOAD = 0A to 2A
VIN = 2.5V
VIN = 2.7V
VIN = 3V
VIN = 3.3V
Output Ripple vs. Load Current
0
10
20
30
40
50
60
70
0
500
1000
1500
2000
Load Current (mA)
VOUT = 3.2V, ILOAD = 0A to 2A
VIN = 2.5V
VIN = 2.7V
VIN = 3V
VIN = 3.1V
Maximum Load Current vs. Input Voltage
0.0
1.0
2.0
3.0
4.0
5.0
2.5
2.7
2.9
3.1
3.3
3.5
3.7
Input Voltage (V)
VIN = 2.5V to 3.7V, VOUT = 3.4V
VIN = 3V, VOUT = 3.4V, Load = 50
PGOOD
(5V/Div)
EN
(5V/Div)
ILX
(1A/Div)
VOUT
(2V/Div)
Time (100
s/Div)
Startup
PGOOD
(5V/Div)
EN
(5V/Div)
ILX
(1A/Div)
VOUT
(2V/Div)
Time (100
s/Div)
Startup
VIN = 3V, VOUT = 3.2V, Load = 50
VOUT
(2V/Div)
ILX
(2A/Div)
PGOOD
(5V/Div)
Time (1ms/Div)
Overload Protection
VIN = 3V, VOUT = 3.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com