Electronic Components Datasheet Search
  English  ▼

X  

RT4805AWSC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT4805AWSC
Description  Synchronous Boost Regulator with Bypass Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805AWSC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT4805AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
RT4805A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4805A-02
April
2017
www.richtek.com
1
2.5MHz, Synchronous Boost Regulator with Bypass Mode
General Description
The RT4805A allows systems to take advantage of
new battery chemistries that can supply significant
energy when the battery voltage is lower than the
required voltage for system power ICs. By combining
built-in power transistors, synchronous rectification,
and low supply current; this IC provides a compact
solution for systems using advanced Li-Ion battery
chemistries.
The RT4805A is a boost regulator designed to provide
a minimum output voltage from a single-cell Li-Ion
battery, even when the battery voltage is below system
minimum. In boost mode, output voltage regulation is
guaranteed to a maximum load current of 2A.
Quiescent current in Shutdown Mode is less than 1
A,
which maximizes battery life. The regulator transitions
smoothly between Bypass and normal Boost Mode.
The device can be forced into Bypass Mode to reduce
quiescent current.
The RT4805A
is available in the WL-CSP-16B
1.67x1.67 (BSC) package.
Features
4 Few External Components : 0.47
H Inductor
and 0603 Case Size Input and Output Capacitors
Input Voltage Range : 1.8V to 5V
Output Range from 2.85V to 4.4V
VSEL = L 3.6V
VSEL = H 3.7V
Maximum Continuous Load Current : 2A at VIN >
2.65V Boosting VOUT to 3.35V
Up to 96% Efficient
True Bypass Operation when VIN > Target VOUT
Internal Synchronous Rectifier
True Load Disconnect when Shut Down
Forced Bypass Mode
VSEL Control to Optimize Target VOUT
Short-Circuit Protection
I
2C Controlled Interface
Ultra low Operating Quiescent Current
Small WL-CSP 16B Package
Applications
Single-Cell Li-Ion, LiFePO4 Smart-Phones or Tablet
2.5G/3G/4G Mini-Module Data Cards
Simplified Application Circuit
VIN
RT4805A
VOUT
LX
VSEL
EN
AGND PGND
CIN
+
-
nBYP
COUT
SCL
SDA
L1
PGOOD
To pull high voltage


Similar Part No. - RT4805AWSC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4805B RICHTEK-RT4805B Datasheet
1Mb / 23P
Synchronous Boost Regulator
RT4805BWSC RICHTEK-RT4805BWSC Datasheet
1Mb / 23P
Synchronous Boost Regulator
More results

Similar Description - RT4805AWSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN48630 FAIRCHILD-FAN48630 Datasheet
1Mb / 15P
2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
logo
ON Semiconductor
NCP6868 ONSEMI-NCP6868 Datasheet
592Kb / 28P
2.5 A Boost Regulator with Bypass Function
August, 2015 ??Rev. P4
logo
Intersil Corporation
ISL91106 INTERSIL-ISL91106 Datasheet
125Kb / 2P
High Efficiency High Current Buck-Boost Regulator with Bypass Mode
November 20, 2015
logo
Richtek Technology Corp...
RT4805B RICHTEK-RT4805B Datasheet
1Mb / 23P
Synchronous Boost Regulator
logo
ON Semiconductor
FAN48623 ONSEMI-FAN48623 Datasheet
570Kb / 18P
Synchronous TinyBoost Regulator with Bypass Mode
October-2017,Rev . 2
FAN48630 ONSEMI-FAN48630 Datasheet
1Mb / 17P
Synchronous TinyBoost Regulator with Bypass Mode
June 2015 Rev. 1.13
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
logo
Renesas Technology Corp
ISL91106 RENESAS-ISL91106 Datasheet
206Kb / 2P
High Efficiency High Current Buck-Boost Regulator with Bypass Mode
logo
ON Semiconductor
FAN48630J ONSEMI-FAN48630J Datasheet
2Mb / 15P
Synchronous Regulator with Bypass Mode, TINYBOOST짰, 2.5 MHz, 1500 mA
October, 2019 ??Rev. 2
logo
Renesas Technology Corp
ISL9122A RENESAS-ISL9122A Datasheet
873Kb / 29P
Ultra-Low IQ Buck-Boost Regulator With Bypass
Mar 17, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com