Electronic Components Datasheet Search
  English  ▼

X  

RT4805AWSC Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT4805AWSC
Description  Synchronous Boost Regulator with Bypass Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805AWSC Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT4805AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 22Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
RT4805A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4805A-02
April
2017
www.richtek.com
19
Name
Function
Addr
STATUS
Read IC status
0x05
Bit
Mode
name
Reset
Description
7
R
TSD
0
0 : Normal operation.
1 : Thermal shutdown tripped. The flag is reset after readout.
6
R
HOTDIE
0
0 : TJ < 115°C.
1 : TJ > 115°C.
5
R
DCDCMODE
0
0 : Device operates in PFM mode.
1 : Device operates in PWM mode.
4
R
OPMODE
0
0 : Device operates in pass-through mode.
1 : Device operates in dc/dc mode.
3
R
ILIMPT
0
0 : Normal operation.
1 : Indicates that the bypass FET current limit has triggered. This
flag is reset after readout.
2
R
ILIMBST
0
0 : Normal operation.
1 : Indicates that the average input current limit has triggered for
1.5ms in dc/dc boost mode. This flag is reset after readout.
1
R
FAULT
0
0 : Normal operation.
1 : Indicates that a fault condition has occurred. This flag is reset
after readout.
0
R
PGOOD
0
0 : Indicates the output voltage is out of regulation.
1 : Indicates the output voltage is within its nominal range. This bit is
set if the converter is forced in pass-through mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com