Electronic Components Datasheet Search
  English  ▼

X  

RT4805AWSC Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT4805AWSC
Description  Synchronous Boost Regulator with Bypass Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805AWSC Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT4805AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
RT4805A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4805A-02
April
2017
14
The maximum VRIPPLE occurs when VIN is at
minimum and ILOAD is at maximum.
Output Discharge Function
With the EN pin set to low, the VOUT pin is internally
connected
to
GND
by
an
internal
discharge
N-MOSFET switch.
This feature prevents residual charge voltages on
capacitor connected to VOUT pins, which may impact
proper power up of the system.
Current Limit
The RT4805A employs a valley-current limit detection
scheme to sense inductor current during the off-time.
When the loading current is increased such that the
loading is above the valley current limit threshold, the
off-time is increased until the current is decreased to
valley-current threshold. Next on-time begins after
current is decreased to valley-current threshold.
On-time is decided by (VOUT VIN) / VOUT ratio. The
output voltage decreases when further loading
current increase. As the following figure shown, the
current limit function is implemented by the scheme.
Valley Current Limit
IIN (DC)
DIL
Inductor Current
V
D
IN
I =
L
Lf
D
f
IIN (DC)
Figure 4. Inductor Currents In Current Limit Operation
Protection
The RT4805A features some protections, such as
OCP, OVP, UVP and OTP. As the table shown, it is
described the protection actions.
Protection Type
Threshold Refer to
Electrical Spec.
Protection Method
Shut Down
Delay Time
Reset Method
OCP
IL > 4A
Turn on UG until IL < 4A
2ms
After FAULT 1ms
OVP
VIN > 6V
Turn off UG, LG,
BYP_MOS
No delay
VIN < 5.7V
UVP
VIN <1.6V
Turn off UG, LG,
BYP_MOS
No delay
VIN>1.7V
OTP
TEMP > 160oC
Turn off UG, LG,
BYP_MOS
No delay
OTP Hysteresis = 20oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com