Electronic Components Datasheet Search
  English  ▼

X  

RT4805AWSC Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT4805AWSC
Description  Synchronous Boost Regulator with Bypass Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805AWSC Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT4805AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4805AWSC Datasheet HTML 22Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
RT4805A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4805A-02
April
2017
18
Name
Function
Addr
VOUTROOF
Output Voltage
Selection
0x03
Bit
Mode
name
Reset
Description
[7 : 5]
R/W
Reserved
000
[4 : 0]
R/W
VOUT[4 : 0]
10001
00000 : VOUT = 2.85V
00001 : VOUT = 2.9V
00010 : VOUT = 2.95V
00011 : VOUT = 3V
00100 : VOUT = 3.05V
…
10001 : VOUT = 3.7V (default)
…
11111 : VOUT = 4.4V
Name
Function
Addr
ILIMSET
Set current limit &
Softstart current
limit
0x04
Bit
Mode
name
Reset
Description
[7 : 6]
R/W
Reserved
00
5
R/W
ILIM_OFF
0
0 : Current Limit Enabled
1 : Current Limit Disabled
4
R/W
Soft-Start
1
0 : Boost soft-start current is limited per ILIM bit settings
1 : Boost soft-start current is limited to ca. 1250mA inductor valley
current
[3 : 0]
R/W
ILIM[3 : 0]
1101
1000 : 1500mA
1001 : 2000mA
1010 : 2500mA
1011 : 3000mA
1100 : 3500mA
1101 : 4000mA (default)
1110 : 4500mA
1111 : 5000mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com