Electronic Components Datasheet Search
  English  ▼

X  

MAX101 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX101
Description  500Msps, 8-Bit ADC with Track/Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX101 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX101 Datasheet HTML 8Page - Maxim Integrated Products MAX101 Datasheet HTML 9Page - Maxim Integrated Products MAX101 Datasheet HTML 10Page - Maxim Integrated Products MAX101 Datasheet HTML 11Page - Maxim Integrated Products MAX101 Datasheet HTML 12Page - Maxim Integrated Products MAX101 Datasheet HTML 13Page - Maxim Integrated Products MAX101 Datasheet HTML 14Page - Maxim Integrated Products MAX101 Datasheet HTML 15Page - Maxim Integrated Products MAX101 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
500Msps, 8-Bit ADC with Track/Hold
______________________________________________________________________________________
13
CLK and DCLK
All input and output clock signals are differential. The
input clocks, CLK and CLK, are the primary timing sig-
nals for the MAX101. CLK (pins 2, 62) and CLK (pins 3,
61) are fed to the internal circuitry through an internal
50
Ω transmission line. One set of CLK, CLK inputs
should be driven and the other pair terminated by 50
Ω
to -2V. Either set of inputs can be used as the driven
inputs (input lines are balanced) for easy circuit con-
nection. A minimum pulse width (tPWL) is required for
CLK and CLK (Figures 1–3).
For best performance and consistent results, use a low-
phase-jitter clock source for CLK and CLK. Phase jitter
larger than 2ps from the input clock source reduces the
converter’s effective bits performance and causes
inconsistent results. The clock supplied to the MAX101
is internally divided by two, reshaped, and buffered.
This divided clock becomes the internal signal used as
strobes for the converters.
DCLK and DCLK are output clock signals derived from
the input clocks and are used for external timing of the
AData and BData outputs. (AData is valid after the ris-
ing edge of DCLK and BData is valid after the falling
edge.) They are fixed at one-half the rate of the input
clocks in normal mode (Table 1). The MAX101 is char-
acterized to work with 500MHz maximum input clock
frequencies. See
Typical Operating Circuit.
Output Mode Control (DIV10)
When DIV10 is grounded, it enables the test mode,
where the input incoming clock is divided by ten. This
reduces the output data and clock rates by a factor of
5, allowing the output clock duty cycle to remain at
50%. The clock to output phasing remains the same
and four out of every five sampled input values are dis-
carded.
When left open, this input (DIV10) is pulled low by inter-
nal circuitry and the converter functions in its normal
mode.
Layout, Grounding, and Power Supplies
A +5V ±5% supply as well as a -5.2V ±5% supply is
needed for proper operation. Bypass the VEE and VCC
supply pins to GND with high-quality 0.1µF and 0.001µF
ceramic capacitors located as close to the package as
possible. Connect all ground pins to a ground plane to
optimize noise immunity and highest device accuracy.
Phase Adjust
This control pin affects the point in time that one-half of
the converter samples the input signal relative to the
other half. PHADJ is normally connected to ground (0V),
but can be adjusted over a ±1.25V range that typically
provides a ±18ps adjustment between the “A” side T/H
bridge strobe and the “B” side T/H bridge strobe.
Input Clock Phasing (TRK1, TRK1)
At power-up, the clock edge from which AData and
BData are synchronized is undetermined. The convert-
er can work from a specific input clock edge, as
described in the following paragraph.
TRK1 and TRK1 are differential inputs that are used in
addition to the normal input clock (CLK) to set data
phasing. A signal at one-half the input clock rate with
the proper setup and hold times (setup and hold typi-
cally 300ps) is applied to these inputs. Choose AData
by applying a logic “1” to TRK1 (“0” to TRK1) before
CLK’s negative transition. Choose BData by applying a
logic “0” at CLK’s negative edge (“1” to TRK1). In this
manner, several MAX101s can be interleaved to obtain
faster effective sampling rates. Voltages at the TRK1
input between ±50mV are interpreted as logic “1” and
voltages between -350mV and -500mV are interpreted
as logic “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com