Electronic Components Datasheet Search
  English  ▼

X  

MAX101 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX101
Description  500Msps, 8-Bit ADC with Track/Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX101 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX101 Datasheet HTML 2Page - Maxim Integrated Products MAX101 Datasheet HTML 3Page - Maxim Integrated Products MAX101 Datasheet HTML 4Page - Maxim Integrated Products MAX101 Datasheet HTML 5Page - Maxim Integrated Products MAX101 Datasheet HTML 6Page - Maxim Integrated Products MAX101 Datasheet HTML 7Page - Maxim Integrated Products MAX101 Datasheet HTML 8Page - Maxim Integrated Products MAX101 Datasheet HTML 9Page - Maxim Integrated Products MAX101 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
500Msps, 8-Bit ADC with Track/Hold
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VEE = -5.2V, VCC = +5V, RL = 100Ω to -2V, VART, VBRT = 1.02V, VARB, VBRB = -1.02V, TA = +25°C, unless otherwise noted.)
100mV/div
-1.55V
-4.18ns
5.2ns
DATA CLOCK (DCLK) FALL TIME
(352ps), DIV10 = OPEN
-550mV
100mV/div
-1.55V
-4.18ns
5.2ns
DATA CLOCK (DCLK)
RISE TIME (526ps), DIV10 = OPEN
-550mV
100mV/div
-1.825V
-4.98ns
5.02ns
BDATA RISE TIME (855ps),
DIV10 = OPEN
-825mV
100mV/div
-1.825V
-4.98ns
5.02ns
BDATA FALL TIME (714ps),
DIV10 = OPEN
-825mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com