Electronic Components Datasheet Search
  English  ▼

X  

MAX101 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX101
Description  500Msps, 8-Bit ADC with Track/Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX101 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX101 Datasheet HTML 3Page - Maxim Integrated Products MAX101 Datasheet HTML 4Page - Maxim Integrated Products MAX101 Datasheet HTML 5Page - Maxim Integrated Products MAX101 Datasheet HTML 6Page - Maxim Integrated Products MAX101 Datasheet HTML 7Page - Maxim Integrated Products MAX101 Datasheet HTML 8Page - Maxim Integrated Products MAX101 Datasheet HTML 9Page - Maxim Integrated Products MAX101 Datasheet HTML 10Page - Maxim Integrated Products MAX101 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
500Msps, 8-Bit ADC with Track/Hold
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
32, 69, 80
VEE
31
DCLK
Complementary Differential Clock Outputs. Used to synchronize following circuitry: Outputs A0–A7
are valid after DCLK’s rising edge. B0–B7 output data are valid after DCLK’s falling edge (see Figure 1
for output timing information).
Negative Power Supply, -5.2V ±5% nominal
16, 48, 63
N.C.
35
10
VBRBS
“B” side negative reference voltage sense (Note 9)
DIV10
Divide by 10 mode. Leave open for normal operation. Selects test mode when grounded.
36, 38, 39,
41, 42, 44,
45, 47
A7–A0
29
SUB
No Connect—no internal connection to these pins.
12
TP3
5, 59
TRK1
Phasing inputs (normally left open). See
Applications Information section.
8, 21, 43,
56, 81
VCC
Positive Power Supply, +5V ±5% nominal
11
TP4
Internal connection, leave pin open.
13
VBRTS
“B” side positive reference voltage sense (Note 9)
9
VBRB
“B” side negative reference voltage input (Note 9)
3, 61
CLK
Complementary Differential Clock Inputs. Can be driven from standard 10KH ECL with the following
considerations: Internally, pins 2, 62 and 3, 61 are the ends of a 50
Ω transmission line. Either end
can be driven with the other end terminated with 50
Ω to -2V. See Typical Operating Circuit.
4, 7, 15, 18,
24, 27, 30,
34, 37, 40,
46, 49, 57,
60, 64, 67,
68, 70, 71,
74, 77, 78,
79, 82, 84
GND
Power-Supply Ground
2, 62
CLK
NAME
FUNCTION
1
PAD
Internal connection, leave open.
PIN
14
VBRT
“B” side positive reference voltage input (Note 9)
Internal connection, leave pin open.
Circuit Substrate contact. This pin must be connected to VEE.
33
DCLK
28, 26, 25,
23, 22, 20,
19, 17
B7–B0
AData and BData Outputs. A0 and B0 are the LSBs, and A7 and B7 are the MSBs. AData and BData
outputs conform to ECL logic swings and drive 100
Ω transmission lines. Terminate with 100Ω to -2V
(120
Ω for Tj > +100°C). See Figures 1–3.
6, 58
TRK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com