Electronic Components Datasheet Search
  English  ▼

X  

MAX101 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX101
Description  500Msps, 8-Bit ADC with Track/Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX101 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX101 Datasheet HTML 1Page - Maxim Integrated Products MAX101 Datasheet HTML 2Page - Maxim Integrated Products MAX101 Datasheet HTML 3Page - Maxim Integrated Products MAX101 Datasheet HTML 4Page - Maxim Integrated Products MAX101 Datasheet HTML 5Page - Maxim Integrated Products MAX101 Datasheet HTML 6Page - Maxim Integrated Products MAX101 Datasheet HTML 7Page - Maxim Integrated Products MAX101 Datasheet HTML 8Page - Maxim Integrated Products MAX101 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Digital Output Low Voltage
500Msps, 8-Bit ADC with Track/Hold
_______________________________________________________________________________________
3
40
CLK, CLK
-1.02
-0.70
VART to VARB
1.1
3.1
50
DIV10 = 0V
TA = +25°C
-1.95
-1.60
TA = +25°C
TA = TMIN to TMAX
CONDITIONS
VEE = -5.2V
TA = +25°C
VCC = 5.0V
mA
-975
TA = +25°C
IVEE
AData, BData
Negative Supply Current
TA = TMIN to TMAX
-935
-750
-525
VINCM = ±0.5V
TA = TMIN to TMAX
mA
1130
IVCC
Positive Supply Current
dB
CMRR
Common-Mode Rejection Ratio
35
TA = TMIN to TMAX
V
-1.95
-1.50
VOL
Digital Output Low Voltage
dB
550
765
1065
40
TA = TMIN to TMAX
Power-Supply Rejection Ratio
PSRR
VCC(nom) = ±0.25V
V
-1.50
VIL
Digital Input Low Voltage
Ω
100
175
RREF
Reference String Resistance
Ω/°C
0.02
Reference String Resistance
Temperature Coefficient
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CLK, CLK
V
-1.1
VIH
Digital Input High Voltage
CLK, CLK = -0.8V
(no termination)
mA
40
IIH
TA = TMIN to TMAX
AData, BData,
DCLK, DCLK
PHADJ = 0V
V
-1.10
-0.60
VOH
Digital Output High Voltage
Digital Input High Current
Input Bias Current
IB
µA
TA = TMIN to TMAX
Clock Input Bias Current
ICLK
µA
TA = TMIN to TMAX
TA = TMIN to TMAX
-1.3
-1.00
TA = +25°C
TA = TMIN to TMAX
DCLK, DCLK
-1.4
-0.9
TA = TMIN to TMAX
DCLK, DCLK
mV
275
445
VOH - VOL
Digital Output Voltage
REFERENCE INPUT
LOGIC INPUTS
LOGIC OUTPUTS (Note 8)
POWER REQUIREMENTS
ELECTRICAL CHARACTERISTICS (continued)
(VEE = -5.2V, VCC = +5V, RL = 100Ω to -2V, VART, VBRT = 1.02V, VARB, VBRB = -1.02V, TA = +25°C, unless otherwise noted.
TMIN to TMAX = 0°C to +70°C. Note 3)
VEE(nom) = ±0.25V
TA = TMIN to TMAX
TA = TMIN to TMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com