Electronic Components Datasheet Search
  English  ▼

X  

MAX101 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX101
Description  500Msps, 8-Bit ADC with Track/Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX101 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX101 Datasheet HTML 1Page - Maxim Integrated Products MAX101 Datasheet HTML 2Page - Maxim Integrated Products MAX101 Datasheet HTML 3Page - Maxim Integrated Products MAX101 Datasheet HTML 4Page - Maxim Integrated Products MAX101 Datasheet HTML 5Page - Maxim Integrated Products MAX101 Datasheet HTML 6Page - Maxim Integrated Products MAX101 Datasheet HTML 7Page - Maxim Integrated Products MAX101 Datasheet HTML 8Page - Maxim Integrated Products MAX101 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
500Msps, 8-Bit ADC with Track/Hold
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VEE = -5.2V, VCC = +5V, RL = 100Ω to -2V, VART, VBRT = 1.02V, VARB, VBRB = -1.02V, TA = +25°C, unless otherwise noted.
TMIN to TMAX = 0°C to +70°C. Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltages
VCC ...........................................................................0V to +7V
VEE .............................................................................-7V to 0V
VCC - VEE .........................................................................+12V
Analog Input Voltage .............................................................±2V
Reference Voltage (VART, VBRT)...........................-0.3V to +1.5V
Reference Voltage (VARB, VBRB) ..........................-1.5V to +0.3V
Clock Input Voltage (VIH, VIL) .....................................-2.3V to 0V
DIV10 Input Voltage (VIH, VIL).......................................VEE to 0V
Output Current, (IOmax)
TJ <100°C .......................................................................14mA
100°C < TJ <125°C.........................................................12mA
Operating Temperature Range...............................0°C to +70°C
Operating Junction Temperature (Note 2)............0°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+250°C
Full scale
AData, BData,
no missing codes
fCLK = 500MHz,
VIN = 95% full scale
(Note 5)
Bits
7.1
fAIN = 10MHz
fAIN = 125MHz
Zero scale
7.6
fAIN = 250MHz
AData, BData
6.7
7.0
ENOB
Effective Bits
CONDITIONS
Figure 4
Figure 4
(Note 7)
fAIN = 125MHz, fCLK = 500MHz,
VIN = 95% full scale (Note 6)
ps
2
tAJ
ps
270
tAW
Aperture Width
Aperture Jitter
230
315
Msps
500
fCLK
Maximum Conversion Rate
dB
44.5
SNR
Signal-to-Noise Ratio
GHz
1.2
BW3dB
Analog Input Bandwidth
AIN+ to AIN-, Table 2,
TA = TMIN to TMAX
mV
-305
-215
VIN
Input Voltage Range
AIN+, AIN-, to GND
TA = TMIN to TMAX
±0.75
±0.50
TA = +25°C
TA = TMIN to TMAX
Bits
8
Resolution
AIN+, AIN-, TA = TMIN to TMAX
Ω/°C
0.008
Input Resistance
Temperature Coefficient
LSB
±0.75
INL
Integral Nonlinearity (Note 4)
Ω
49
51
RI
Input Resistance
mV
1.8
2.5
LSB
mV
-17
32
VIO
Input Offset Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Least Significant Bit Size
TA = +25°C
TA = TMIN to TMAX
LSB
±0.85
DNL
Differential Nonlinearity
ACCURACY
DYNAMIC SPECIFICATIONS
ANALOG INPUT
Note 1: The digital control inputs are diode protected. However, limited protection is provided on other pins. Permanent damage
may occur on unconnected units under high-energy electrostatic fields. Keep unused units in supplied conductive carrier or
shunt the terminals together.
Note 2: Typical thermal resistance, junction-to-case R
θJC = 5°C/W and thermal resistance, junction to ambient (MAX101CFR)
R
θJA =12°C/W, if 200 lineal ft/min airflow is provided. See Package Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com