Electronic Components Datasheet Search
  English  ▼

X  

MAX101 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX101
Description  500Msps, 8-Bit ADC with Track/Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX101 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX101 Datasheet HTML 1Page - Maxim Integrated Products MAX101 Datasheet HTML 2Page - Maxim Integrated Products MAX101 Datasheet HTML 3Page - Maxim Integrated Products MAX101 Datasheet HTML 4Page - Maxim Integrated Products MAX101 Datasheet HTML 5Page - Maxim Integrated Products MAX101 Datasheet HTML 6Page - Maxim Integrated Products MAX101 Datasheet HTML 7Page - Maxim Integrated Products MAX101 Datasheet HTML 8Page - Maxim Integrated Products MAX101 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
500Msps, 8-Bit ADC with Track/Hold
4
_______________________________________________________________________________________
DIV10 = 0, Figures 1, 2
DIV10 = 0, Figures 1, 2
ns
CLK, CLK
CLK, CLK
0.7
1.3
1.8
tPD2
DCLK to A/BData
Propagation Delay
DCLK
DATA
DCLK
DATA
20% to 80%
ps
700
tF
ns
1.2
2.3
3.4
tPD1
CLK to DCLK
Propagation Delay
CONDITIONS
See Figures 2, 3
and Table 1
20% to 80%
400
Clock
Cycles
tNPD
Divide-by-1 mode
Pipeline Delay
(Latency)
15
15
ps
850
tR
Fall Time
400
Rise Time
ns
0.9
2.5
tPWH
ns
0.9
2.5
tPWL
Clock Pulse Width Low
Clock Pulse Width High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TIMING CHARACTERISTICS
(VEE = -5.2V, VCC = +5V, RL = 100Ω to -2V, VART, VBRT = 1.02V, VARB, VBRB = -1.02V, TA = +25°C, unless otherwise noted.)
Note 3:
All devices are 100% production tested at +25°C and are guaranteed by design for TA = TMIN to TMAX as specified.
Note 4:
Deviation from best-fit straight line. See
Integral Nonlinearity section.
Note 5:
See the
Signal-to-Noise Ratio and Effective Bits section in the Detailed Description of Specifications.
Note 6:
SNR calculated from effective bits performance using the following equation: SNR(dB) = 1.76 + 6.02 x effective bits.
Note 7:
Clock pulse width minimum requirements tPWL and tPWH must be observed to achieve stated performance.
Note 8:
Outputs terminated through 100
Ω to -2.0V.
INTEGRAL NONLINEARITY
vs. OUTPUT CODE
-0.75
0.75
0
256
-0.50
0.50
OUTPUT CODE
64
192
128
0
-0.25
0.25
DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
-0.75
0.75
0
256
-0.50
0.50
OUTPUT CODE
64
192
128
0
-0.25
0.25
__________________________________________Typical Operating Characteristics
(VEE = -5.2V, VCC = +5V, RL = 100Ω to -2V, VART, VBRT = 1.02V, VARB, VBRB = -1.02V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com