Electronic Components Datasheet Search
  English  ▼

X  

MK1709STR Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK1709STR
Description  Low EMI Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1709STR Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK1709STR Datasheet HTML 1Page - Integrated Circuit Systems MK1709STR Datasheet HTML 2Page - Integrated Circuit Systems MK1709STR Datasheet HTML 3Page - Integrated Circuit Systems MK1709STR Datasheet HTML 4Page - Integrated Circuit Systems MK1709STR Datasheet HTML 5Page - Integrated Circuit Systems MK1709STR Datasheet HTML 6Page - Integrated Circuit Systems MK1709STR Datasheet HTML 7Page - Integrated Circuit Systems MK1709STR Datasheet HTML 8Page - Integrated Circuit Systems MK1709STR Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low EMI Clock Generator
MDS 1709 D
2
Revision 031204
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
MK1709
Pin Assignment
Spread Percentage and Direction
Select Table
0 = connect to GND
M = unconnected (floating) has internal Pull up resistor
to VDD and is considered as a 1 state
1 = connect directly to VDD
ICLK
VDD
GND
S1
CLK
S0
LEE
S2
1
2
3
4
8
7
6
5
8-pin SOIC (MK1709S)
CLK
VDD
GND
S1
ICLK
S0
LEE
S2
1
2
3
4
8
7
6
5
8-pin TSSOP (MK1709AG)
S2
Pin 8
(1709S)
Pin 6
(1709AG)
S1
Pin 7
(1709S)
Pin 5
(1709AG)
S0
Pin 6
(1709S)
Pin 4
(1709AG)
Frequency
Range
Spread
Percentage
(%)
0
0
0
40-50
±0.9
0
0
M
40-50
±0.7
0
0
1
40-50
(MK1709S)
25-50
(MK1709AG)
±0.8
0
M
0
40-50
(MK1709S)
25-50
(MK1709AG)
±0.6
0
M
M
40-50
±1.1
0
M1
50 -100
±0.6
0
10
50 -100
±0.7
0
1M
50 -100
±0.8
0
1
1
Power Down
—
1
00
50 -100
±0.9
1
0M
50 -100
±1.1
1
0
1
100-165
±0.7
1
M
0
100-165
±0.6
1
M
M
100-165
±1.1
1
M
1
100-165
±1.35
1
1
0
100-165
±0.8
1
1
M
100-165
±0.9
1
1
1
Power Down
—



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com