Electronic Components Datasheet Search
  English  ▼

X  

MK1709STR Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK1709STR
Description  Low EMI Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1709STR Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK1709STR Datasheet HTML 1Page - Integrated Circuit Systems MK1709STR Datasheet HTML 2Page - Integrated Circuit Systems MK1709STR Datasheet HTML 3Page - Integrated Circuit Systems MK1709STR Datasheet HTML 4Page - Integrated Circuit Systems MK1709STR Datasheet HTML 5Page - Integrated Circuit Systems MK1709STR Datasheet HTML 6Page - Integrated Circuit Systems MK1709STR Datasheet HTML 7Page - Integrated Circuit Systems MK1709STR Datasheet HTML 8Page - Integrated Circuit Systems MK1709STR Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Low EMI Clock Generator
MDS 1709 D
3
Revision 031204
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
MK1709
Pin Descriptions (MK1709S)
Pin Descriptions (MK1709AG)
Pin
Number
Pin
Name
Pin Type
Pin Description
1
ICLK
Input
Connect to graphics input clock.
2
VDD
Power
Connect to +3.3 V.
3
GND
Power
Connect to ground.
4
CLK
Output
Spread spectrum clock output per table above.
5
LEE
Input
Low EMI enable. Turns on spread spectrum when high. Internal pull-up resistor.
6
S0
Input
Function select 0 input. Selects spread amount and direction per table above.
Internal mid-level.
7
S1
Input
Function select 1 input. Selects spread amount and direction per table above.
Internal mid-level.
8
S2
Input
Function select 2 input. Selects spread amount and direction per table above.
Pin
Number
Pin
Name
Pin Type
Pin Description
1
GND
Power
Connect to ground.
2
CLK
Output
Spread spectrum clock output per table above.
3
LEE
Input
Low EMI enable. Turns on spread spectrum when high. Internal pull-up resistor.
4
S0
Input
Function select 0 input. Selects spread amount and direction per table above.
Internal mid-level.
5
S1
Input
Function select 1 input. Selects spread amount and direction per table above.
Internal mid-level.
6
S2
Input
Function select 2 input. Selects spread amount and direction per table above.
7
ICLK
Input
Connect to graphics input clock.
8
VDD
Power
Connect to +3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com