Electronic Components Datasheet Search
  English  ▼

X  

MK1709STR Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK1709STR
Description  Low EMI Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1709STR Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK1709STR Datasheet HTML 1Page - Integrated Circuit Systems MK1709STR Datasheet HTML 2Page - Integrated Circuit Systems MK1709STR Datasheet HTML 3Page - Integrated Circuit Systems MK1709STR Datasheet HTML 4Page - Integrated Circuit Systems MK1709STR Datasheet HTML 5Page - Integrated Circuit Systems MK1709STR Datasheet HTML 6Page - Integrated Circuit Systems MK1709STR Datasheet HTML 7Page - Integrated Circuit Systems MK1709STR Datasheet HTML 8Page - Integrated Circuit Systems MK1709STR Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MK1709
MDS 1709 D
1
Revision 031204
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Low EMI Clock Generator
Description
The MK1709 generates a low EMI output clock from a
clock input. The part is designed to dither the LCD
interface clock for flat panel graphics controllers. The
device uses ICS’ proprietary mix of analog and digital
Phase Locked Loop (PLL) technology to spread the
frequency spectrum of the output, thereby reducing the
frequency amplitude peaks by several dB.
The MK1709 offers centered spread from a high speed
clock input. Refer to the MK1714-01/02 for a crystal
input and the widest selection of input frequencies and
multipliers.
ICS offers many other clocks for computers and
computer peripherals. Consult us when you need to
remove crystals and oscillators from your board.
Features
• Packaged in 8-pin SOIC (MK1709S) and in 8-pin
TSSOP (MK1709AG)
• 8-pin TSSOP available in lead (Pb) free package
• Provides a spread spectrum output clock
• Supports flat panel controllers
• Guaranteed to +85°C operation
• Accepts a clock input, provides same frequency
dithered output
• Good for all VGA modes from 80 to 167 MHz
• Peak reduction by 7dB - 14dB typical on 3rd - 19th
odd harmonics
• Low EMI feature can be disabled
• Includes power-down
• Operating voltage of 3.3 V
• Advanced, low-power CMOS process
Block Diagram
PLL Clock
Synthesis
and Spread
Spectrum
Circuitry
ICLK
Input
Buffer
S0
Low EMI Enable
Clock Out
GND
VDD
S1
S2


Similar Part No. - MK1709STR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1709SLF RENESAS-MK1709SLF Datasheet
378Kb / 10P
LOW EMI CLOCK GENERATOR
051310
MK1709SLFTR RENESAS-MK1709SLFTR Datasheet
378Kb / 10P
LOW EMI CLOCK GENERATOR
051310
More results

Similar Description - MK1709STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
Revision 091205
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
Low EMI Clock Generator
Revision 102804
ICS181-51 ICST-ICS181-51 Datasheet
90Kb / 6P
Low EMI Clock Generator
Revision 110404
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
Revision 050405
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
Revision 110404
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com