Electronic Components Datasheet Search
  English  ▼

X  

MK1709STR Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # MK1709STR
Description  Low EMI Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1709STR Datasheet(HTML) 5 Page - Integrated Circuit Systems

  MK1709STR Datasheet HTML 1Page - Integrated Circuit Systems MK1709STR Datasheet HTML 2Page - Integrated Circuit Systems MK1709STR Datasheet HTML 3Page - Integrated Circuit Systems MK1709STR Datasheet HTML 4Page - Integrated Circuit Systems MK1709STR Datasheet HTML 5Page - Integrated Circuit Systems MK1709STR Datasheet HTML 6Page - Integrated Circuit Systems MK1709STR Datasheet HTML 7Page - Integrated Circuit Systems MK1709STR Datasheet HTML 8Page - Integrated Circuit Systems MK1709STR Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Low EMI Clock Generator
MDS 1709 D
5
Revision 031204
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
MK1709
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the MK1709. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range. Typical values are at 25
°C.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +85
°C
Item
Rating
Supply Voltage, VDD (referenced to GND)
5 V
All Inputs and Outputs (referenced to GND)
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +85
°C
Storage Temperature
-65 to +150
°C
Soldering Temperature (maximum of 10 seconds)
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.135
+3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.465
V
Supply Current (MK1709S)
IDD
No load, at 3.3 V
20
mA
Supply Current (MK1709AG)
IDD
No load, 50M
13
µA
IDD
No load, 150M
23
Input High Voltage (ICLK)
VIH
(VDD/2)+1
VDD/2
V
Input High Voltage (S1, S0)
VIH
VDD-0.5
V
Input High Voltage (other inputs)
VIH
2V
Input Low Voltage (ICLK)
VIL
VDD/2
(VDD/2)-1
V
Input Low Voltage
VIL
0.5
V
Output High Voltage (CMOS)
VOH
IOH = -4mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Input Capacitance
CIN
S0, S1, S2, LEE pins
7
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com