Electronic Components Datasheet Search
  English  ▼

X  

MK1709STR Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK1709STR
Description  Low EMI Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1709STR Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK1709STR Datasheet HTML 1Page - Integrated Circuit Systems MK1709STR Datasheet HTML 2Page - Integrated Circuit Systems MK1709STR Datasheet HTML 3Page - Integrated Circuit Systems MK1709STR Datasheet HTML 4Page - Integrated Circuit Systems MK1709STR Datasheet HTML 5Page - Integrated Circuit Systems MK1709STR Datasheet HTML 6Page - Integrated Circuit Systems MK1709STR Datasheet HTML 7Page - Integrated Circuit Systems MK1709STR Datasheet HTML 8Page - Integrated Circuit Systems MK1709STR Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Low EMI Clock Generator
MDS 1709 D
4
Revision 031204
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
MK1709
External Components
The MK1709 requires a minimum number of external
components for proper operation.
Decoupling Capacitor
A decoupling capacitor of 0.01µF must be connected
between VDD and GND on pins 2 and 3 for the
MK1709S, or pins 1 and 8 for the MK1709AG. Place
the capacitor as close to these pins as possible. For
optimum device performance, the decoupling capacitor
should be mounted on the component side of the PCB.
Avoid the use of vias in the decoupling circuit.
Series Termination Resistor
When the PCB trace between the clock output and the
load is over 1 inch, series termination should be used.
To series terminate a 50
Ω trace (a commonly used
trace impedance), place a 33
Ω resistor in series with
the clock line, as close to the clock output pin as
possible. The nominal impedance of the clock output is
20
Ω.
Select Pin Operation
The S1, S0 select pins are 2-level, meaning they have
three separate states to make the selections shown in
the table on page 2.
PCB layout Recommendations
For optimum device performance and lowest output
phase noise, the following guidelines should be
observed.
1) The 0.01µF decoupling capacitor should be mounted
on the component side of the board as close to the
VDD pin as possible. No vias should be used between
the decoupling capacitor and VDD pin. The PCB trace
to VDD pin should be kept as short as possible, as
should the PCB trace to the ground via.
2) Place a 33
Ω series termination resistor (if needed)
close to the clock output to minimize EMI.
3) An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers. Other signal traces should be routed
away from the MK1709. This includes signal traces just
underneath the device, or on layers adjacent to the
ground plane layer used by the device.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com