Electronic Components Datasheet Search
  English  ▼

X  

MK1709STR Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # MK1709STR
Description  Low EMI Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1709STR Datasheet(HTML) 6 Page - Integrated Circuit Systems

  MK1709STR Datasheet HTML 1Page - Integrated Circuit Systems MK1709STR Datasheet HTML 2Page - Integrated Circuit Systems MK1709STR Datasheet HTML 3Page - Integrated Circuit Systems MK1709STR Datasheet HTML 4Page - Integrated Circuit Systems MK1709STR Datasheet HTML 5Page - Integrated Circuit Systems MK1709STR Datasheet HTML 6Page - Integrated Circuit Systems MK1709STR Datasheet HTML 7Page - Integrated Circuit Systems MK1709STR Datasheet HTML 8Page - Integrated Circuit Systems MK1709STR Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Low EMI Clock Generator
MDS 1709 D
6
Revision 031204
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
MK1709
AC Electrical Characteristics (MK1709S)
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +85
° C
AC Electrical Characteristics (MK1709AG)
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +85
° C
Marking Diagrams
(Marking for lead (Pb) free device shown below)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input/Output Clock Frequency
80
167
MHz
Input Clock Duty Cycle
Time above VDD/2
20
80
%
Output Clock Duty Cycle
Time above 1.5 V
40
50
60
%
Output Clock Rise Time
tOR
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
tOF
2.0 to 0.8V
1.5
ns
EMI Peak Frequency Reduction
3rd - 19th odd
harmonics
7 to 14
dB
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input/Output Clock Frequency
25
165
MHz
Input Clock Duty Cycle
Time above VDD/2
20
80
%
Output Clock Duty Cycle
Time above 1.5 V,
40 MHz - 100 MHz
40
50
55
%
Time above 1.5 V,
100 MHz - 150 MHz
45
%
Time above 1.5 V,
>150 MHz
35
%
Output Clock Rise Time
tOR
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
tOF
2.0 to 0.8V
1.5
ns
EMI Peak Frequency Reduction
3rd - 19th odd
harmonics
7 to 14
dB
MK1709S
YYWW
######
14
5
8
1
45
8
MK1709AG
YYWWLF
######



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com