Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF82 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF82
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF82 Datasheet(HTML) 63 Page - Texas Instruments

Back Button DAC38RF82 Datasheet HTML 59Page - Texas Instruments DAC38RF82 Datasheet HTML 60Page - Texas Instruments DAC38RF82 Datasheet HTML 61Page - Texas Instruments DAC38RF82 Datasheet HTML 62Page - Texas Instruments DAC38RF82 Datasheet HTML 63Page - Texas Instruments DAC38RF82 Datasheet HTML 64Page - Texas Instruments DAC38RF82 Datasheet HTML 65Page - Texas Instruments DAC38RF82 Datasheet HTML 66Page - Texas Instruments DAC38RF82 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 140 page
background image
rwb
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Instruction Cycle
Data Transfer Cycle
td(Data)
SDEN\
SCLK
SDIO
SDEN\
SCLK
SDIO
SDO
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SDO
Data n
Data n-1
rwb
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Instruction Cycle
Data Transfer Cycle
tS(SDEN\)
tS(SDIO) tH(SDIO)
tSCLK
SDEN\
SCLK
SDIO
SDEN\
SCLK
SDIO
63
DAC38RF82, DAC38RF89
www.ti.com
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 50 shows the serial interface timing diagram for a DAC38RF82 (or DAC38RF89) write operation. SCLK is
the serial interface clock input to DAC38RF82 (or DAC38RF89). Serial data enable SDEN is an active low input
to DAC38RF82 (or DAC38RF89). SDIO is serial data input. Input data to DAC38RF82 (or DAC38RF89) is
clocked on the rising edges of SCLK.
Figure 50. Serial Interface Write Timing Diagram
Figure 51 shows the serial interface timing diagram for a DAC38RF82 (or DAC38RF89) read operation. SCLK is
the serial interface clock input to DAC38RF82 (or DAC38RF89). Serial data enable SDEN is an active low input
to DAC38RF82 (or DAC38RF89). SDIO is serial data input during the instruction cycle. In 3 pin configuration,
SDIO is data out from the DAC38RF82 (or DAC38RF89) during the data transfer cycle, while SDO is in a high-
impedance state. In 4 pin configuration, both SDIO and SDO are data out from the DAC38RF82 (or
DAC38RF89) during the data transfer cycle. At the end of the data transfer, SDIO and SDO will output low on the
final falling edge of SCLK until the rising edge of SDEN when they will 3-state.
Figure 51. Serial Interface Read Timing Diagram
n the SIF interface there are four types of registers:
8.4.5.1 NORMAL (RW)
The NORMAL register type allows data to be written and read from. All 16-bits of the data are registered at the
same time. There is no synchronizing with an internal clock thus all register writes are asynchronous with respect
to internal clocks. There are three subtypes of NORMAL:
1. AUTOSYNC: A NORMAL register that causes a sync to be generated after the write is finished. These are
used when it is desirable to synchronize the block after writing the register or in the case of a single field that
spans across multiple registers. For instance, the NCO requires three 16-bit register writes to set the
frequency. Upon writing the last of these registers an autosync is generated to deliver the entire field to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com