Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF82 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF82
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF82 Datasheet(HTML) 1 Page - Texas Instruments

  DAC38RF82 Datasheet HTML 1Page - Texas Instruments DAC38RF82 Datasheet HTML 2Page - Texas Instruments DAC38RF82 Datasheet HTML 3Page - Texas Instruments DAC38RF82 Datasheet HTML 4Page - Texas Instruments DAC38RF82 Datasheet HTML 5Page - Texas Instruments DAC38RF82 Datasheet HTML 6Page - Texas Instruments DAC38RF82 Datasheet HTML 7Page - Texas Instruments DAC38RF82 Datasheet HTML 8Page - Texas Instruments DAC38RF82 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 140 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC38RF82, DAC38RF89
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
DAC38RF8x Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With
JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
1
1 Features
1
•
14-Bit Resolution, 9-GSPS DAC with Multimode
Operation
–
16-Bit, Dual-Channel Data Mode
–
Max Input Rate: 2.5-GSPS
–
Wideband Digital Up-converter
–
Interpolation:
1,2,4,6,8,10,12,16,18,20,24x
–
12-Bit, Dual-Channel Data Mode
–
Max Input Rate: 3.33-GSPS
–
Wideband Digital Up-converter
–
Interpolation: 1,2,24x
–
8-Bit, Single-Channel Data Mode
–
Max Input Rate: 9-GSPS
•
JESD204B Interface
–
Subclass 1 for Multichip Synchronization
–
Maximum Lane Rate: 12.5 Gbps
•
Differential Output
–
Supports DC Coupling
–
RF Full-Scale Output Power (with 2:1 Balun):
3 dBm at 2.14 GHz
•
Internal PLL and VCO with bypass
–
DAC38RF82: fC(VCO) = 5.9 or 8.9 GHz
–
DAC38RF89: fC(VCO) = 5 or 7.5 GHz
•
Power Supplies: -1.8 V, 1.0 V, 1.8 V
•
Package: 10 x 10 mm BGA, 0.8mm Pitch,
144-Balls
2 Applications
•
Arbitrary Waveform Generators
•
Radar and Electronic Warfare
•
Communications Test Equipment
•
Direct RF Synthesis for DOCSIS 3.0/3.1
•
Microwave Backhaul
3 Description
The
DAC38RF82
and
DAC38RF89
are
high
performance, wide bandwidth RF-sampling digital-to-
analog (DACs) that are capable of dual channel input
data rate up to 3.33 GSPS or single-channel
operation with 8-bits up to 9-GSPS. The devices have
a low power JESD204B Interface with up to 8 lanes,
with a maximum bit rate of 12.5 Gbps.
In dual channel operation, the input interface is
capable of data rates up to 3.33 GSPS at 12-bits and
2.5 GSPS at 16-bits resolution without interpolation.
When used as a complex baseband transmitter with
interpolation modes from 2x to 24x, the DAC38RF82
or DAC38RF89 is capable of synthesizing wideband
signals up to 2 GHz bandwidth with 16-bit input
resolution and 2.66 GHz bandwidth with 12-bit input
resolution.
The 8-bit mode allows an input at the full 9 GSPS
maximum DAC sample rate and can synthesize
wideband signals from 0 to 4.5 GHz.
An optional low jitter PLL/VCO simplifies the DAC
clock generation by allowing use of a lower frequency
reference
clock.
DAC38RF82
and
DAC38RF89
support different VCO frequency ranges, summarized
in Device Comparison Table.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC38RF82
FCBGA (144)
10.0 mm x 10.0 mm
DAC38RF89
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
32x6 MHz 256-QAM carriers


Similar Part No. - DAC38RF82

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82 TI2-DAC38RF82 Datasheet
3Mb / 147P
DAC38RF8x Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
REVISED JUNE 2020
DAC38RF82IAAV TI1-DAC38RF82IAAV Datasheet
2Mb / 139P
Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82IAAV TI2-DAC38RF82IAAV Datasheet
3Mb / 147P
DAC38RF8x Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
REVISED JUNE 2020
DAC38RF82IAAVR TI1-DAC38RF82IAAVR Datasheet
2Mb / 139P
Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
More results

Similar Description - DAC38RF82

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF80_017 TI1-DAC38RF80_017 Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
ADC32RF52 TI-ADC32RF52 Datasheet
4Mb / 108P
ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com