Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF82 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF82
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF82 Datasheet(HTML) 72 Page - Texas Instruments

Back Button DAC38RF82 Datasheet HTML 68Page - Texas Instruments DAC38RF82 Datasheet HTML 69Page - Texas Instruments DAC38RF82 Datasheet HTML 70Page - Texas Instruments DAC38RF82 Datasheet HTML 71Page - Texas Instruments DAC38RF82 Datasheet HTML 72Page - Texas Instruments DAC38RF82 Datasheet HTML 73Page - Texas Instruments DAC38RF82 Datasheet HTML 74Page - Texas Instruments DAC38RF82 Datasheet HTML 75Page - Texas Instruments DAC38RF82 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 140 page
background image
72
DAC38RF82, DAC38RF89
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.5.7 Temperature Sensor and PLL Loop Voltage Register (address = 0x06) [reset = variable]
Figure 58. Temperature Sensor and PLL Loop Voltage Register (TEMP_PLLVOLT)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R
R
R
R
R
R
R
R
7
6
5
4
3
2
1
0
0
0
0
0
0
1
1
0
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 54. TEMP_PLLVOLT Field Descriptions
Bit
Field
Type
Reset
Description
15:8
TEMPDATA
R
0x00
8 bits of data from the tempurature sensor
7:5
PLL_LFVOLT
R
0b000
PLL Loop filter voltage
4:0
Reserved
R
0b000
Reserved
8.5.8 Page Set Register (address = 0x09) [reset = 0x0000]
Figure 59. Page Set Register (PAGE_SET)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
0
0
0
1
0
0
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 55. PAGE_SET Field Descriptions
Bit
Field
Type
Reset
Description
15:0
PAGE_SET
R/W
0x0000
Each bit selects a page that is active. Multiple pages can be
selected at the same time. No bits asserted means that
MASTER is the only page selected.
bit 0 = page0 : multi-DUC1
bit 1 = page1 : multi-DUC2
bit 2 = page2 : DIG_MISC
bit 3-15: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com