Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF82 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF82
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF82 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC38RF82 Datasheet HTML 10Page - Texas Instruments DAC38RF82 Datasheet HTML 11Page - Texas Instruments DAC38RF82 Datasheet HTML 12Page - Texas Instruments DAC38RF82 Datasheet HTML 13Page - Texas Instruments DAC38RF82 Datasheet HTML 14Page - Texas Instruments DAC38RF82 Datasheet HTML 15Page - Texas Instruments DAC38RF82 Datasheet HTML 16Page - Texas Instruments DAC38RF82 Datasheet HTML 17Page - Texas Instruments DAC38RF82 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 140 page
background image
14
DAC38RF82, DAC38RF89
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics - AC Specifications (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, external differential clock mode at 9
GSPS, 12x Interpolation, 0 dBFS, fOUT = 2.14 GHz, I(OUTFS) = 40 mA, nominal supplies, LMFSHd = 84111, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HD3
3rd Order Harmonic
fCLK = 6 GHz , fOUT = 501 MHz
63
dBc
fCLK = 6 GHz , fOUT = 951 MHz
62
fCLK = 6 GHz , fOUT = 1851 MHz
71
fCLK = 6 GHz , fOUT = 2651 MHz
69
fCLK = 9 GHz , fOUT = 501 MHz
62
fCLK = 9 GHz , fOUT = 951 MHz
61
fCLK = 9 GHz , fOUT = 1851 MHz
66
fCLK = 9 GHz , fOUT = 2651 MHz
65
fCLK = 9 GHz , fOUT = 3651 MHz
67
CMP2
Fs/2 clock mixing product (Fs/2 – fOUT)
fCLK = 6 GHz , fOUT = 501 MHz
85
dBc
fCLK = 6 GHz , fOUT = 951 MHz
85
fCLK = 6 GHz , fOUT = 1851 MHz
82
fCLK = 6 GHz , fOUT = 2651 MHz
79
fCLK = 9 GHz , fOUT = 501 MHz
78
fCLK = 9 GHz , fOUT = 951 MHz
76
fCLK = 9 GHz , fOUT = 1851 MHz
73
fCLK = 9 GHz , fOUT = 2651 MHz
74
fCLK = 9 GHz , fOUT = 3651 MHz
68
CMP4+
Fs/N (N = 4, 8, 16) clock mixing product
(fOUT ± Fs/N)
fCLK = 6 GHz , fOUT = 501 MHz
92
dBc
fCLK = 6 GHz , fOUT = 951 MHz
87
fCLK = 6 GHz , fOUT = 1851 MHz
81
fCLK = 6 GHz , fOUT = 2651 MHz
78
fCLK = 9 GHz , fOUT = 501 MHz
95
fCLK = 9 GHz , fOUT = 951 MHz
89
fCLK = 9 GHz , fOUT = 1851 MHz
84
fCLK = 9 GHz , fOUT = 2651 MHz
79
fCLK = 9 GHz , fOUT = 3651 MHz
74
IMD3
Third-order two-tone intermodulation
distortion
fCLK = 6 GHz , fOUT = 501 ± 5 MHz, –6 dBFS each tone
80
dBc
fCLK = 6 GHz , fOUT = 951 ± 5 MHz, –6 dBFS each tone
76
fCLK = 6 GHz , fOUT = 1851 ± 5 MHz, –6 dBFS each
tone
73
fCLK = 6 GHz , fOUT = 2651 ± 5 MHz, –6 dBFS each
tone
72
fCLK = 9 GHz , fOUT = 501 ± 5 MHz, –6 dBFS each tone
80
fCLK = 9 GHz , fOUT = 951 ± 5 MHz, –6 dBFS each tone
75
fCLK = 9 GHz , fOUT = 1851 ± 5 MHz, –6 dBFS each
tone
70
fCLK = 9 GHz , fOUT = 2651 ± 5 MHz, –6 dBFS each
tone
70
fCLK = 9 GHz , fOUT = 3651 ± 5 MHz, –6 dBFS each
tone
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com