Electronic Components Datasheet Search
  English  ▼

X  

RT5028C Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT5028C
Description  Integrated PMIC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028C Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT5028C Datasheet HTML 1Page - Richtek Technology Corporation RT5028C Datasheet HTML 2Page - Richtek Technology Corporation RT5028C Datasheet HTML 3Page - Richtek Technology Corporation RT5028C Datasheet HTML 4Page - Richtek Technology Corporation RT5028C Datasheet HTML 5Page - Richtek Technology Corporation RT5028C Datasheet HTML 6Page - Richtek Technology Corporation RT5028C Datasheet HTML 7Page - Richtek Technology Corporation RT5028C Datasheet HTML 8Page - Richtek Technology Corporation RT5028C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
DS5028C-03
September 2016
www.richtek.com
RT5028C
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
Central
Controller
I
2
C
Programmable
State
Machine
LDO1
300mA
LDO2
300mA
LDO3
300mA
LDO4
300mA
LDO5
300mA
LDO6
300mA
LDO7
300mA
LDO8
300mA
Buck2
2A
Buck1
2.4A
VINL123
VINL456
VOUTL2
VOUTL3
VOUTL4
VOUTL5
VOUTL6
VOUTL7
VOUTL8
SDA
SCL
IRQ
PWRHOLD
REBOOT
VINB1
LXB1
VOUTB2S
LXB2
VINB2
VOUTB1S
MASK_GPIO
SADDR
PWRON
ENB1 to ENB4
ENL1 to ENL8
MTP
VOUTL1
VINL78
RESET
Buck3
1.6A
VINB3
LXB3
VOUTB3S
Buck4
2A
VINB4
LXB4
VOUTB4S
Analog
Base
VIN
VDDP
AGND
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com