Electronic Components Datasheet Search
  English  ▼

X  

RT5028C Datasheet(PDF) 33 Page - Richtek Technology Corporation

Part # RT5028C
Description  Integrated PMIC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028C Datasheet(HTML) 33 Page - Richtek Technology Corporation

Back Button RT5028C Datasheet HTML 29Page - Richtek Technology Corporation RT5028C Datasheet HTML 30Page - Richtek Technology Corporation RT5028C Datasheet HTML 31Page - Richtek Technology Corporation RT5028C Datasheet HTML 32Page - Richtek Technology Corporation RT5028C Datasheet HTML 33Page - Richtek Technology Corporation RT5028C Datasheet HTML 34Page - Richtek Technology Corporation RT5028C Datasheet HTML 35Page - Richtek Technology Corporation RT5028C Datasheet HTML 36Page - Richtek Technology Corporation RT5028C Datasheet HTML 37Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
33
DS5028C-03
September 2016
www.richtek.com
RT5028C
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
[5:2]
Soft-Start End
Control
@ MASK_GPIO = 0
(External Enable pin
define)
0000 : First turn on channel decide the
RESET_DLY time.
0001 : Buck1 decide the RESET_DLY time.
….
0100 : Buck1 decide the RESET_DLY time.
0101 : LDO1 decide the RESET_DLY time.
….
1100 : LDO8 decide the RESET_DLY time.
….
1111 : LDO8 decide the RESET_DLY time.
R/W
Option
[1:0]
Soft-Start Voltage level
/ time soft-start control.
Voltage Level
00 : When output voltage arrives to 80%
VTarget, next channel will turn on.
Soft-start time interval (TSS) :
01 : 1ms
10 : 4ms
11 : 8ms
R/W
Option
Address 33
Buck Syn-Clock Control
Bit
Name
Description
Read/Write
Reset Value
[7:6]
VCO_VRC
VCO input voltage slop.
00: 25mV/10
μs, 01: 25mV/20μs
10: 25mV/40
μs, 11: 25mV/80μs
Note :
The VCO’s voltage input range is 0.375V to
1.8V and the output frequency is 450kHz to
2MHz.
R/W
Option
[5:0]
VCO_DVS
VCO input voltage DVS control
000000 : 0.375V (450kHz)
………
111001 : 1.8V (2MHz)
………
111111 : 1.8V (2MHz)
R/W
Option
Address 34
Buck Syn-Clock
Spread Spectrum Control
Bit
Name
Description
Read/Write
Reset Value
[7:1]
Reserved
R/W
0000000
0
SSOSC
Buck Clock Spread Spectrum Control
0 : Disable spread spectrum function.
1 : Turn on spread spectrum function.
R/W
Option
Address 3A
EEPROM (MTP) Control
Bit
Name
Description
Read/Write
Reset Value
[7:6]
Reserved
R/W
00
5
MTP Page 2 Read
Read MTP Page 2
R
0
4
MTP Page 1 Read
Read MTP Page 1
R
0
[3:2]
Reserved
R/W
00
1
MTP Page 2 write
Write MTP Page 2, and MTP also needs to be
logic high.
W
0
0
MTP Page 1 write
Write MTP Page 1, and MTP also needs to be
logic high.
W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com