Electronic Components Datasheet Search
  English  ▼

X  

RT5028C Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT5028C
Description  Integrated PMIC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028C Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT5028C Datasheet HTML 24Page - Richtek Technology Corporation RT5028C Datasheet HTML 25Page - Richtek Technology Corporation RT5028C Datasheet HTML 26Page - Richtek Technology Corporation RT5028C Datasheet HTML 27Page - Richtek Technology Corporation RT5028C Datasheet HTML 28Page - Richtek Technology Corporation RT5028C Datasheet HTML 29Page - Richtek Technology Corporation RT5028C Datasheet HTML 30Page - Richtek Technology Corporation RT5028C Datasheet HTML 31Page - Richtek Technology Corporation RT5028C Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
28
DS5028C-03
September 2016
www.richtek.com
RT5028C
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address 11
ON Event Setting
Bit
Name
Description
R/W
Reset Value
[7:5]
On_Event
Powered on because of
000 : PWRON key-pressed
001 : VIN plugged in
010 : from REBOOT pin event
111 : No event happen
R
111
[4:0]
Reserved
R/W
0
Address 12
VIN UVLO/Buck On/Off
Bit
Name
Description
R/W
Reset Value
[7:5]
VOFF setting
VIN UVLO 2.8V to 3.5V per 0.1V to power off
PMIC
000 : 2.8V
001 : 2.9V
010 : 3V
011 : 3.1V (Default)
100 : 3.2V
101 : 3.3V
110 : 3.4V
111 : 3.5V
R/W
Option
4
Reserved
R/W
0
3
Buck4
Buck4 control
(0 : Disable Buck4/1 : Enable Buck4)
R/W
Option
2
Buck3
Buck3 control
(0 : Disable Buck3/1 : Enable Buck3)
R/W
Option
1
Buck2
Buck2 control
(0 : Disable Buck2/1 : Enable Buck2)
R/W
Option
0
Buck1
Buck1 control
(0 : Disable Buck1/1 : Enable Buck1)
R/W
Option
Address 13
LDOs On/Off
Bit
Name
Description
R/W
Reset Value
7
LDO8
LDO8 control
(0 : Disable LDO8 / 1 : Enable LDO8)
R/W
Option
6
LDO7
LDO7 control
(0 : Disable LDO7 / 1 : Enable LDO7)
R/W
Option
5
LDO6
LDO6 control
(0 : Disable LDO6 / 1 : Enable LDO6)
R/W
Option
4
LDO5
LDO5 control
(0 : Disable LDO5 / 1 : Enable LDO5)
R/W
Option
3
LDO4
LDO4 control (0 : Disable LDO4 / 1 : Enable
LDO4)
R/W
Option
2
LDO3
LDO3 control
(0 : Disable LDO3 / 1 : Enable LDO3)
R/W
Option
1
LDO2
LDO2 control
(0 : Disable LDO2 / 1 : Enable LDO2)
R/W
Option
0
LDO1
LDO1 control
(0 : Disable LDO1 / 1 : Enable LDO1)
R/W
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com