Electronic Components Datasheet Search
  English  ▼

X  

RT5028C Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT5028C
Description  Integrated PMIC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028C Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT5028C Datasheet HTML 26Page - Richtek Technology Corporation RT5028C Datasheet HTML 27Page - Richtek Technology Corporation RT5028C Datasheet HTML 28Page - Richtek Technology Corporation RT5028C Datasheet HTML 29Page - Richtek Technology Corporation RT5028C Datasheet HTML 30Page - Richtek Technology Corporation RT5028C Datasheet HTML 31Page - Richtek Technology Corporation RT5028C Datasheet HTML 32Page - Richtek Technology Corporation RT5028C Datasheet HTML 33Page - Richtek Technology Corporation RT5028C Datasheet HTML 34Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
30
DS5028C-03
September 2016
www.richtek.com
RT5028C
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address 16
Powered off conditions enable setting
Bit
Name
Description
Read/Write
Reset Value
7
BCK1LV_ENSHDN
Buck1 output voltage low SHDN
0 : disable this event. 1 : enable this event
R/W
0
6
BCK2LV_ENSHDN
Buck2 output voltage low SHDN
0 : disable this event. 1 : enable this event
R/W
0
5
BCK3LV_ENSHDN
Buck3 output voltage low SHDN
0 : disable this event. 1 : enable this event
R/W
0
4
BCK4LV_ENSHDN
Buck4 output voltage low SHDN
0 : disable this event. 1 : enable this event
R/W
0
3
PWRON_ENSHDN
PWRON key-pressed forced SHDN
0 : disable this event. 1 : enable this event
R/W
1
2
OT_ENSHDN
Over temperature SHDN
0 : disable this event. 1 : enable this event
R/W
1
1
VINLV_ENSHDN
VIN voltage low (VOFF) (Set by reg) SHDN
0 : disable this event. 1 : enable this event
R/W
0
0
Reserved
R/W
0
Address 17
OFF Event (Only reset by POR)
Bit
Name
Description
Read/Write
Reset Value
[7:4]
OFF_Event
Powered off because of (Only shows last
power-off event)
0000 : VIN voltage low (VOFF) (Set by reg)
0001 : Buck1 output voltage low
0010 : Buck2 output voltage low
0011 : Buck3 output voltage low
0100 : PWRON key-pressed forced shutdown
0101 : Power Off register setting
0110 : Over temperature event
0111 : Reboot restart.
1000 : Buck4 output voltage low
1001 : PWR_HOLD fail.
1010 : No event happen.
….
1111 : No event happen
R
1111
[3:0]
Reserved
R
0000
Address 18 to 27
16 bytes registers Data Cache (Only reset by
POR)
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com