Electronic Components Datasheet Search
  English  ▼

X  

RT5028C Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT5028C
Description  Integrated PMIC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028C Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT5028C Datasheet HTML 15Page - Richtek Technology Corporation RT5028C Datasheet HTML 16Page - Richtek Technology Corporation RT5028C Datasheet HTML 17Page - Richtek Technology Corporation RT5028C Datasheet HTML 18Page - Richtek Technology Corporation RT5028C Datasheet HTML 19Page - Richtek Technology Corporation RT5028C Datasheet HTML 20Page - Richtek Technology Corporation RT5028C Datasheet HTML 21Page - Richtek Technology Corporation RT5028C Datasheet HTML 22Page - Richtek Technology Corporation RT5028C Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
19
DS5028C-03
September 2016
www.richtek.com
RT5028C
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
PMU On/Off Sequence Setting
In the RT5028C, users can set the power on/off sequence and output voltage by I
2C register 0x01 to 0x04 for Buck
output voltage, 0x07 to 0x0E for LDO output voltage and 0x2C to 0X32 for startup sequence setting.
In the table below, users must set one by one (continues number) and missing code is not allowed.
If users miss sequence code, the RT5028C will wait for next channel and the IC will be hold in waiting status.
Output Voltage Setting
Startup Sequence Setting
Startup Enable Method
(Soft-Start Control)
Buck1Output[5:0]
Buck1_Seq[3:0]
Buck1
[000000]
[0001]
Buck2Output[5:0]
Buck2_Seq[3:0]
Buck2
[101100]
[0010]
Buck3Output[5:0]
Buck3_Seq[3:0]
Buck3
[000000]
[0011]
Buck4Output[5:0]
Buck4_Seq[3:0]
Buck4
[101100]
[0100]
LDO1OUT[6:0]
LDO1_Seq[3:0]
LDO1
[0000000]
[0101]
LDO2OUT[6:0]
LDO2_Seq[3:0]
LDO2
[0101000]
[0110]
LDO3OUT[6:0]
LDO3_Seq[3:0]
LDO3
[0000000]
[0111]
LDO4OUT[6:0]
LDO4_Seq[3:0]
LDO4
[0101000]
[1000]
LDO5OUT[6:0]
LDO5_Seq[3:0]
LDO5
[0000000]
[1001]
LDO6OUT[6:0]
LDO6_Seq[3:0]
LDO6
[0101000]
[1010]
LDO7OUT[6:0]
LDO7_Seq[3:0]
LDO7
[0000000]
[1011]
LDO8OUT[6:0]
LDO8_Seq[3:0]
LDO8
[0101000]
[1100]
[10]
Note :
* Output Voltage Setting: fill relative binary code to set the output voltage.
* Startup Sequence Setting :
“0000” denotes no operation (disable).
“0001” denotes first-startup.
“1100 to 1111” denotes last-startup.
If same number, it means startup at the same time.
*Startup Enable Method :
[01] to [11] : each startup enable interval time (1ms, 4ms, 8ms).
[00] : start end voltage (the output voltage's 80%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com