Electronic Components Datasheet Search
  English  ▼

X  

RT5028C Datasheet(PDF) 29 Page - Richtek Technology Corporation

Part # RT5028C
Description  Integrated PMIC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028C Datasheet(HTML) 29 Page - Richtek Technology Corporation

Back Button RT5028C Datasheet HTML 25Page - Richtek Technology Corporation RT5028C Datasheet HTML 26Page - Richtek Technology Corporation RT5028C Datasheet HTML 27Page - Richtek Technology Corporation RT5028C Datasheet HTML 28Page - Richtek Technology Corporation RT5028C Datasheet HTML 29Page - Richtek Technology Corporation RT5028C Datasheet HTML 30Page - Richtek Technology Corporation RT5028C Datasheet HTML 31Page - Richtek Technology Corporation RT5028C Datasheet HTML 32Page - Richtek Technology Corporation RT5028C Datasheet HTML 33Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
29
DS5028C-03
September 2016
www.richtek.com
RT5028C
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address 14
PWRON(Power On Key) time Parameters
Setting / RESET delay
Bit
Name
Description
R/W
Reset Value
[7:6]
START_TIME
Startup time setting
00 : 100us (pressing time - low level)
01 : 100ms
10 : 1s
11 : 2s
R/W
Option
[5:4]
L_PRESS_TIME
Long-press time setting (after Power-On,
00 : 1s (falling edge to rising edge)
01 : 1.5s
10 : 2s
11 : 2.5s
Sending short/long-press IRQ to CPU
ex :1.5s
=> low time < 1.5s (short IRQ)
=> low time > 1.5s but < 6s(shutdown time)
(long IRQ)
=> low time > 6s(shutdown time) (shutdown)
R/W
Option
[3:2]
SHDN_PRESS
Key-press forced shutdown time setting
00 : 4s (pressing time : low level)
01 : 6s
10 : 8s
11 : 10s
R/W
Option
[1:0]
RESET_DLY
RESET signal delay after the last power startup
is done
00 : 10ms
01 : 50ms
10 : 100ms
11 : 200ms
R/W
Option
Address 15
SHDN Control
Bit
Name
Description
Read/Write
Reset Value
7
SHDN_CTRL
Power Off setting by CPU, after set, 100ms
delayed power off
0 : Normal operation
1 : Disable the PMIC output
R/W
Option
6
SHDN_TIMING
Disable Buck/LDO only for normal power off
(SHDN_CTRL=1)
0 : disable at the same time
1 : contrary to the startup timing
(first_on-last_off)
R/W
Option
[5:4]
SHDN_DLYTIME
Delayed shutdown time after send the
(PWRON)key-press-forced-shutdown IRQ
(when IRQ is disable, there is no delay)
00 : 100ms
01 : 500ms
10 : 1s
11 : 2s
R/W
Option
[3:0]
Reserved
R/W
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com