Electronic Components Datasheet Search
  English  ▼

X  

RT5035A Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT5035A
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035A Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT5035A Datasheet HTML 3Page - Richtek Technology Corporation RT5035A Datasheet HTML 4Page - Richtek Technology Corporation RT5035A Datasheet HTML 5Page - Richtek Technology Corporation RT5035A Datasheet HTML 6Page - Richtek Technology Corporation RT5035A Datasheet HTML 7Page - Richtek Technology Corporation RT5035A Datasheet HTML 8Page - Richtek Technology Corporation RT5035A Datasheet HTML 9Page - Richtek Technology Corporation RT5035A Datasheet HTML 10Page - Richtek Technology Corporation RT5035A Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
7
Absolute Maximum Ratings
(Note 1)
Supply Voltage : BAT, PVDD2, PVDD3, PVDD4/10, PVDD5, PVDD6, PVDD8, SWI -----------
0.3V to 6V
Power Switch : LX1,LX2A, LX2B, LX3, LX4, LX5, LX10, CP ------------------------------------------
0.3V to 6V
Power Switch : LX7-----------------------------------------------------------------------------------------------
0.3V to 24V
Output Node : VOUT1 to VOUT6, SWO, VOUT8, VOUT10, RTCPWR, VDDM-------------------
0.3V to 6V
Output Node : CN, VNEG -------------------------------------------------------------------------------------
(BAT  6V) to 0.3V
Other Pins ----------------------------------------------------------------------------------------------------------
0.3V to 6V
Power Dissipation, PD @ TA = 25C
WQFN-40L 5x5----------------------------------------------------------------------------------------------------
3.63W
Package Thermal Resistance
(Note 2)
WQFN-40L 5x5,
JA----------------------------------------------------------------------------------------------27.5C/W
WQFN-40L 5x5,
JC----------------------------------------------------------------------------------------------6C/W
Junction Temperature --------------------------------------------------------------------------------------------
150C
Lead Temperature (Soldering, 10 sec.)----------------------------------------------------------------------
260C
Storage Temperature Range -----------------------------------------------------------------------------------
65C to 125C
ESD Susceptibility
(Note 3)
HBM (Human Body Model)------------------------------------------------------------------------------------
2kV
MM (Machine Model) -------------------------------------------------------------------------------------------
200V
Recommended Operating Conditions
(Note 4)
Supply Voltage : BAT--------------------------------------------------------------------------------------------
1.8V to 5.5V
Ambient Temperature Range----------------------------------------------------------------------------------
40C to 85C
Junction Temperature Range ---------------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(VDDM = 3.1V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VDDM Over Voltage Protection
VDDM Rising
5.8
6
6.2
V
VDDM Over Voltage Protection
Hysteresis
--
0.25
--
V
BAT UVLO High Threshold
Voltage (For Li) (Part. A)
VBAT Rising
--
2.6
2.678
V
BAT UVLO Low Threshold
Voltage
(For Li) (Part. A)
2.328
2.4
--
V
BAT UVLO high Threshold
Voltage (For 2AA) (Part. B)
VBAT Rising
--
1.7
1.751
V
BAT UVLO low Threshold
Voltage
(For 2AA) (Part. B)
1.455
1.5
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com