Electronic Components Datasheet Search
  English  ▼

X  

RT5035A Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT5035A
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035A Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT5035A Datasheet HTML 18Page - Richtek Technology Corporation RT5035A Datasheet HTML 19Page - Richtek Technology Corporation RT5035A Datasheet HTML 20Page - Richtek Technology Corporation RT5035A Datasheet HTML 21Page - Richtek Technology Corporation RT5035A Datasheet HTML 22Page - Richtek Technology Corporation RT5035A Datasheet HTML 23Page - Richtek Technology Corporation RT5035A Datasheet HTML 24Page - Richtek Technology Corporation RT5035A Datasheet HTML 25Page - Richtek Technology Corporation RT5035A Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
22
CH9 : Keep Alive LDO and RTC Related Function Block
The RT5035A/B provides a 3.1V output LDO for all IC control circuits and real time clock. The LDO features low
quiescent current (3
A) and high output voltage accuracy. This LDO is always on, even when the system is shut
down. For better stability, it is recommended to connect a 1
F to the VDDM pin. The RTCPWR switch avoids back
charging from the RTCPWR node into the input node VDDM.
RTCPWR
+
-
+
-
VREF
VM
VM
3.1V
VDDM = 3.1V
±3%
BAT
UVLO
VM
Low BAT
discharge
UVLO
2.4V/2.2V
VDDM
/RESET
2.6V/2.4V
+
-
BAT
VM
falling
delay 4ms
CL = 40mA (min)
To ASIC Power
Sequencer
To ASIC Power
Sequencer
RTCPWR
RTCPWR
+
1
μF
Backup
Battery
RTCPWR
RTCPWR
RTCPWR
Rbias
C2
C1
R1
Freq divider
1Hz
clock
C32K
N = 0 to 63
Count
YY/MM/DD, Week,
hh : mm : ss
With leap year
correction
Internal bus
To ASIC Power
Sequencer
32768Hz
XOUT
XIN
RTCGND
RTC
UVLO
1.9V
+
-
RTCPWR
/R
/R
/EN
VDDM
CH10 : Synchronous Step-Down DC-DC Converter
CH10 is suitable for memory power in DSC system. The converter operates in fixed frequency PWM mode or PFM
mode with integrated internal MOSFETs, FB resistors and compensation network. The CH10 step-down converter
can be operated at 100% maximum duty cycle to extend battery operating voltage range. The output voltage of
CH10 is adjustable by the I2C interface in the range of 1.2V to 1.52V or set by external feedback resistors, as
expressed in the following equation :
VOUT_CH10 = (1 + R1 / R2) x VFB10
Where VFB10 is 0.8V typically and suggested value for R1 is 100k to 600k.
RTC_C32K
The Frequency Divider from 32768Hz to 1Hz would generate the below 1Hz wave that with a little jitter but the 1Hz
average frequency can be finely tuned.
RTCPWR
RTCPWR
Rbias
C2
C1
R1
Freq divider
1Hz
clock
32767 CLKo
C32K
32767 CLKo
32767 CLKo
N CLKo
...
1
2
60
1
60sec
N = 0 to 127
Fine tune 1Hz by digital divider can create
tuning range = (-60 to 67) / (32768Hz x 60s) = -30 to 33 ppm
each tune step size = 0.5 ppm.
But the 1Hz would include jitter and the C32K still is not tuned.
1Hz clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com