Electronic Components Datasheet Search
  English  ▼

X  

RT5035A Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT5035A
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035A Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT5035A Datasheet HTML 4Page - Richtek Technology Corporation RT5035A Datasheet HTML 5Page - Richtek Technology Corporation RT5035A Datasheet HTML 6Page - Richtek Technology Corporation RT5035A Datasheet HTML 7Page - Richtek Technology Corporation RT5035A Datasheet HTML 8Page - Richtek Technology Corporation RT5035A Datasheet HTML 9Page - Richtek Technology Corporation RT5035A Datasheet HTML 10Page - Richtek Technology Corporation RT5035A Datasheet HTML 11Page - Richtek Technology Corporation RT5035A Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
8
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
Shutdown Supply Current into
BAT (Including CH9 keep-alive
LDO)
IOFF,BAT
EN = 0V, Reg.SHDN_EN1 = 0,
Reg.SHDN_EN10 = 0 and
VOUT1 = 0V, BAT = 3.3V
--
10
--
A
Shutdown Supply Current into
BAT (Including CH9 keep-alive
LDO)
IOFF,BAT
EN = 0V, Reg.SHDN_EN1 = 0,
Reg.SHDN_EN10 = 1 and
VOUT1 = 0V, BAT = 3.3V
And CH10 no-switching
--
--
80
A
Shutdown Supply Current into
VOUT1 (Including CH9
keep-alive LDO)
IOFF,VOUT1
EN = 0V, Reg.SHDN_EN1 = 1,
Reg.SHDN_EN10 = 0 and Ch1
no-switching and VOUT1 = 4.2V,
BAT = 3.3V
--
--
80
A
Shutdown Supply Current into
VOUT1 (including CH9
keep-alive LDO)
IOFF,VOUT1
EN = 0V, Reg.SHDN_EN1 = 1,
Reg.SHDN_EN10 = 1 and Ch1
no-switching and VOUT1 = 4.2V,
BAT = 3.3V
--
--
100
A
CH1 (Sync Step-Up PWM) +
CH2 (Sync Step-Up/Down) +
CH3 (Sync Step-Down) + CH4
(Sync Step-Down) + CH10 (Sync
Step-Down) Supply Current into
VDDM
IQ1234,10
EN = 3.3V, Reg.SHDN_EN1 = 1,
And Non switching.
--
--
1600
A
CH2 (Sync Step-Up/Down) +
CH3 (Sync Step-Down) + CH4
(Sync Step-Down) + CH10 (Sync
Step-Down) Supply Current into
VDDM
IQ234,10
EN = 3.3V, And Non switching.
--
--
1400
A
CH5 (sync Step-Down)
Supply Current into VDDM
IQ5
EN = 3.3V, And Non switching
--
--
400
A
CH6 (LDO)
Supply Current into VDDM
IQ6
EN = 3.3V, And no load.
--
--
100
A
CH7 (WLED) in Async Step-Up
Mode Supply Current into VDDM
IQ7bo
EN = 3.3V, And Non switching
--
--
500
A
CH8 (LDO)
Supply Current into VDDM
IQ8
EN = 3.3V, And no load.
--
--
100
A
CH10 (sync Step-Down)
Supply Current into VDDM
IQ10
EN = 3.3V, And Non switching,
--
--
400
A
Oscillator
CH1, 3, 4, 5, 10 Operation
Frequency
FOSC
CH1 in PWM mode
1800
2000
2200
kHz
CH2, 7 Operation Frequency
FOSC
900
1000
1100
kHz
CH1 Maximum Duty Cycle
(Step-Up)
FOSC = 2000kHz
80
83
86
%
CH2 Maximum Duty Cycle at
LX2B
FOSC = 1000kHz
80
83
86
%
CH2 Maximum Duty Cycle at
LX2A
--
--
100
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com