Electronic Components Datasheet Search
  English  ▼

X  

RT5035A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5035A
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5035A Datasheet HTML 1Page - Richtek Technology Corporation RT5035A Datasheet HTML 2Page - Richtek Technology Corporation RT5035A Datasheet HTML 3Page - Richtek Technology Corporation RT5035A Datasheet HTML 4Page - Richtek Technology Corporation RT5035A Datasheet HTML 5Page - Richtek Technology Corporation RT5035A Datasheet HTML 6Page - Richtek Technology Corporation RT5035A Datasheet HTML 7Page - Richtek Technology Corporation RT5035A Datasheet HTML 8Page - Richtek Technology Corporation RT5035A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
1
7+3 Channel DC-DC Converters with RTC and I2C Interface
General Description
RT5035A/B
is
a
highly-integrated
DSC
Power
Management IC that contains 7ch switching DC-DC
converters and two generic LDOs, one keep-alive
low-quiescent LDO for RTC, one load switch with
soft-start control and current limit, a switch with reverse
leakage
prevention
for
backup
battery,
and
a
Real-Time-Clock (RTC) including time counter and
32768Hz oscillator. The DC-DC converters are one
low-voltage Step-Up operated in either Async-PFM or
Sync-PWM, one current mode Sync Step-Up/Down
(Buck-Boost), four Sync Step-Down, and one Asyn
Step-Up for WLED driver. All power MOS are
integrated. And compensation networks are built in.
RT5035A/B uses I2C interface to set power-on and
power-off timing, output voltage, and WLED current
and dimming level, and also access RTC time counters
and oscillator fine-tuning. RT5035A/B dedicate for
CMOS image sensor application by providing one Sync
Step-Down, one LDO, and one load switch. The
RT5035A/B also provides rich protection functions
include
Over-Current
Protection,
Under-Voltage
Protection,
Over-Voltage
Protection,
Over-
Temperature Protection, and Over-Load Protection.
RT5035A/B is available in WQFN-40L 5x5 package.
Applications
Digital Cameras
Portable Instruments
Features
CH1 Sync Step-Up in PWM Mode or Async
Step-Up in Pulse Frequency Mode
CH2 Current Mode Sync Step-Up/Down
CH3/CH4/CH5 Current Mode Sync Step-Down
SW4 Load Switch with Soft-Start Inrush Control
And Current Limit
CH6 Generic Low Voltage LDO for CMOS Sensor
CH7 WLED Driver in Async Step-Up Mode
Open LED Protection
32 Dimming Levels
CH8 Generic Low Voltage LDO for Multiple
Purpose Power Supply
CH9 Keep-Alive Low-Quiescent LDO
CH10 Sync Step-Down or Async Step-down in
Pulse Frequency Mode for Memory Standby
Mode Application
LV Sync Step-Down DC-DC Converter High
Efficiency Up to 95%
100% (Max) Duty Cycle for CH3, CH4, CH5 &CH10
I
2C Control Interface to Program Enable, Power
On/Off Delay Time, Output Regulated Voltage,
WLED Dimming Current
RTC Timer And Oscillator
Fixed 2MHz Switching Frequency for CH1, CH3,
CH4, CH5, CH10
Fixed 1MHz Switching Frequency for CH2, CH7
Simplified Application Circuit
RT5035A/B
VOUT1
VOUT2
VOUT3
VOUT5
VOUT4
SWO
LX7
VOUT8
RTCPWR
VOUT10
BAT
I
2
C Control
SCL
EN
SYNC
VDDM
SDA
C32K
GND
VOUT6
RESET
Step-Up for Motor
Step-Up/Down for I/O
Step-Down for Core
Step-Down for CMOS
Load Switch for CMOS
Step-Down for CMOS
LDO for CMOS
Step-Up for LED Backlight
LDO for HDMI
LDO for RTC
Step-Down for Memory


Similar Part No. - RT5035A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT50 ASTRODYNE-RT50 Datasheet
300Kb / 4P
50W Triple Output Switching Power Supply
logo
Vishay Siliconix
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
logo
LEM
RT500 LEM-RT500 Datasheet
682Kb / 4P
Split core type
logo
Vishay Siliconix
RT500 VISHAY-RT500 Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
More results

Similar Description - RT5035A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
Richtek Technology Corp...
RT9911 RICHTEK-RT9911 Datasheet
608Kb / 32P
6 Channel DC/DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
Richtek Technology Corp...
RT9911 RICHTEK-RT9911_11 Datasheet
612Kb / 32P
6 Channel DC/DC Converters
RT9917 RICHTEK-RT9917 Datasheet
582Kb / 20P
7 Channel DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com