Electronic Components Datasheet Search
  English  ▼

X  

RT5035A Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT5035A
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035A Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT5035A Datasheet HTML 15Page - Richtek Technology Corporation RT5035A Datasheet HTML 16Page - Richtek Technology Corporation RT5035A Datasheet HTML 17Page - Richtek Technology Corporation RT5035A Datasheet HTML 18Page - Richtek Technology Corporation RT5035A Datasheet HTML 19Page - Richtek Technology Corporation RT5035A Datasheet HTML 20Page - Richtek Technology Corporation RT5035A Datasheet HTML 21Page - Richtek Technology Corporation RT5035A Datasheet HTML 22Page - Richtek Technology Corporation RT5035A Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
19
CH6 LDO Dropout Voltage vs. Load Current
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
50
100
150
200
Load Current (mA)
25°C
90°C
40°C
CH8 LDO Dropout Voltage vs. Load Current
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
50
100
150
200
Load Current (mA)
25°C
90°C
40°C
CH9 LDO Dropout Voltage vs. Load Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
Load Current (mA)
25°C
90°C
40°C
CH6 LDO PSRR
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
1000000
Frequency (Hz)
PVDD6 = 3.6V, VOUT6 = 2.7V, IOUT = 10mA
CH8 LDO PSRR
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
1000000
Frequency (Hz)
PVDD8 = 3.6V, VOUT8 = 3.4V, IOUT = 10mA
CH9 LDO PSRR
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
1000000
Frequency (Hz)
VDDM = 3.1V, IOUT = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com