Electronic Components Datasheet Search
  English  ▼

X  

RT5035A Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT5035A
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035A Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT5035A Datasheet HTML 1Page - Richtek Technology Corporation RT5035A Datasheet HTML 2Page - Richtek Technology Corporation RT5035A Datasheet HTML 3Page - Richtek Technology Corporation RT5035A Datasheet HTML 4Page - Richtek Technology Corporation RT5035A Datasheet HTML 5Page - Richtek Technology Corporation RT5035A Datasheet HTML 6Page - Richtek Technology Corporation RT5035A Datasheet HTML 7Page - Richtek Technology Corporation RT5035A Datasheet HTML 8Page - Richtek Technology Corporation RT5035A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
2
Ordering Information
RT5035A/B
Package Type
QW : WQFN-40L 5x5 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
A : Li-ion
B : 2AA Alkaline
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
RT5035A
GQW
YMDNN
RT5035AGQW : Product Number
YMDNN : Date Code
RT5035AGQW
RT5035B
GQW
YMDNN
RT5035BGQW : Product Number
YMDNN : Date Code
RT5035BGQW
Pin Configuration
(TOP VIEW)
LX1
VOUT6
FB7
VNEG
LX10
PVDD4/10
LX4
PVDD6
LX7
LX3
VOUT5/FB5
VOUT8
LX2B
EN
LX2A
PVDD2
PVDD5
LX5
PVDD8
RESET
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
31
32
33
34
35
36
37
38
39
40
41
GND
WQFN-40L 5x5
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
LX1
Switch node of CH1. This pin is in high impedance during shutdown.
2
RESET
Open drain output port to assert the status of monitored VDDM voltage.
3
FB7
Feedback input pin for CH7. This pin is in high impedance during shutdown.
4
VOUT6
Regulated output node of CH6 generic LDO. When turning off, RT5035A/B would
discharge CH6 output capacitors internally till VOUT6 < 0.1V. This pin is in high
impedance during shutdown.
5
PVDD6
Power input of CH6 generic LDO. This pin is in high impedance during shutdown.
6
LX7
Switch node of CH7. This pin is in high impedance during shutdown.
7
LX4
Switch node of CH4. This pin is in high impedance during shutdown.
8
PVDD4/10
Power input pin of CH4 and CH10. This pin is in high impedance during
shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com