Electronic Components Datasheet Search
  English  ▼

X  

PT6880 Datasheet(PDF) 39 Page - Princeton Technology Corp

Part # PT6880
Description  OLED Driver/Controller IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6880 Datasheet(HTML) 39 Page - Princeton Technology Corp

Back Button PT6880 Datasheet HTML 34Page - Princeton Technology Corp PT6880 Datasheet HTML 35Page - Princeton Technology Corp PT6880 Datasheet HTML 36Page - Princeton Technology Corp PT6880 Datasheet HTML 37Page - Princeton Technology Corp PT6880 Datasheet HTML 38Page - Princeton Technology Corp PT6880 Datasheet HTML 39Page - Princeton Technology Corp PT6880 Datasheet HTML 40Page - Princeton Technology Corp PT6880 Datasheet HTML 41Page - Princeton Technology Corp PT6880 Datasheet HTML 42Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
OLED Driver/Controller IC
Preliminary
PT6880
Symbol
Min.
Nom.
Max
c
0.11
0.23
L
0.73
0.88
1.03
L1
1.60 BSC
A
3.40
A1
0.25
0.50
A2
2.50
2.70
2.90
b
0.22
0.40
D
23.20 BASIC
D1
20.00 BASIC
E
17.20 BASIC
E1
14.00 BASIC
e
0.65 BASIC
S
0.2
-
-
R1
0.13
-
-
R2
0.13
-
0.30
θ
0o
-
7o
θ1
0o
-
-
θ2
5o
-
16o
θ3
5o
-
16o
Notes:
1. All dimensioning and tolerancing dimension conform to ASME Y14.5M-19942.
2. Dimensions “D1” and “E1” do not include mold protrusion, allowable protrusion is 0.25 mm per
side.
3. Regardless of the relative size of the upper and lower body sections, dimensions “D1” and “E1” are
determined at the largest feature of the body exclusive of mold flash and gate burrs but including
any mismatch between the upper and lower sections of the molded body.
4. Controlling Dimensions: Millimeters
5. Dimension “b” do not include dambar protrusion. The dambar protrusion(s) shall not cause the
lead
width to exceed “B” maximum by more than 0.08 mm. Dambar cannot be located on the lower
radius or the lead foot.
6. Refer to JEDEC MS-022 Variation GC-1
JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.
PT6880 pre 1.1
Page 39
Mar. 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com