Electronic Components Datasheet Search
  English  ▼

X  

PT6880 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT6880
Description  OLED Driver/Controller IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6880 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT6880 Datasheet HTML 1Page - Princeton Technology Corp PT6880 Datasheet HTML 2Page - Princeton Technology Corp PT6880 Datasheet HTML 3Page - Princeton Technology Corp PT6880 Datasheet HTML 4Page - Princeton Technology Corp PT6880 Datasheet HTML 5Page - Princeton Technology Corp PT6880 Datasheet HTML 6Page - Princeton Technology Corp PT6880 Datasheet HTML 7Page - Princeton Technology Corp PT6880 Datasheet HTML 8Page - Princeton Technology Corp PT6880 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
OLED Driver/Controller IC
Preliminary
PT6880
Pin Name
I/O
Description
Pad/Pin No.
SG40 ~ SG30
SG29, SG 28
SG27 ~ SG9
SG8 ~ SG1
O
Segment Driver Output Pins
89 ~ 99
1,3
5 ~ 23
30 ~ 37
SEGG
-
OLED Drive Power Supply (0V)
38
REFOUT
O
Reference Current Output Pin
39
V16
-
OLED Drive Power Supply (16V)
40, 88
VSS
-
Ground Pin (0V)
41, 42, 65
OSC1
I
Oscillator Input Pin
43
OSC2
O
Oscillator Output Pin
44
BVR
I
Brightness Control Input Pin
45
DVR
I
Precharge Time Control Input Pin
46
LAT
O
Latch Clock Output Pin
47
CL
O
Shift Clock Output Pin
48
VDD
-
Power Supply (2.7V to 5.5V)
49
DISB
O
Reset Signal Output Pin
50
D
O
Character Pattern Data Output Pin
51
RS
I
Register Select Input Pin
When this pin is set to "0", it is used as an
Instruction Register.
When this pin is set to "1", it is used for as the
Data Register.
53
R/WB
I
Read/Write Control Input Pin
This pin is used to select either the Write or the
Read Operation. If this pin is set to "0", then the
Write Function is enabled. If this pin is set to
"1", then the Read function is enabled.
55
E
I
Data Read/Write Start Control Pin
56
DB0 ~ DB3
I/O
Low Order Bidirectional Data I/O Pins
These pins are used for data transfer and
reception between the MPU and PT6880. These
57 ~ 60
PT6880 pre 1.1
Page 5
Mar. 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com