Electronic Components Datasheet Search
  English  ▼

X  

PT6880 Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT6880
Description  OLED Driver/Controller IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6880 Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT6880 Datasheet HTML 5Page - Princeton Technology Corp PT6880 Datasheet HTML 6Page - Princeton Technology Corp PT6880 Datasheet HTML 7Page - Princeton Technology Corp PT6880 Datasheet HTML 8Page - Princeton Technology Corp PT6880 Datasheet HTML 9Page - Princeton Technology Corp PT6880 Datasheet HTML 10Page - Princeton Technology Corp PT6880 Datasheet HTML 11Page - Princeton Technology Corp PT6880 Datasheet HTML 12Page - Princeton Technology Corp PT6880 Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
OLED Driver/Controller IC
Preliminary
PT6880
1-LINE DISPLAY (N=0)
When the number of characters displayed is less than 80, the first character is displayed at the head
position. The relationship between the DDRAM Address and position on the OLED Panel is shown
below.
Display Position (digit)
1
2
3
4
………….
78
79
80
DDRAM Address
(hexadecimal)
00
01
02
03
………….
4D
4E
4F
For example, when only 8 characters are displayed in one Display Line, the relationship between the
DDRAM Address and position on the OLED Panel is shown below.
Display Position
1
2
3
4
5
6
7
8
DDRAM Address
00
01
02
03
04
05
06
07
Shift Left
01
02
03
04
05
06
07
08
Shift Right
4F
00
01
02
03
04
05
06
2-LINE DISPLAY (N=1)
Case 1: The Number of Characters displayed is less than 40 x 2 lines
When the number of characters displayed is less than 40 x 2 lines, then the first character of the first
and second lines are displayed starting from the head. It is important to note that the first line end
address and the second line start address are not consecutive. Please refer the figure below.
Display Position
1
2
3
4
……….
37
38
39
40
00
01
02
03
……….
24
25
26
27
DDRAM Address
(hexadecimal)
40
41
42
43
……….
64
65
66
67
PT6880 pre 1.1
Page 9
Mar. 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com