Electronic Components Datasheet Search
  English  ▼

X  

PT6880 Datasheet(PDF) 16 Page - Princeton Technology Corp

Part # PT6880
Description  OLED Driver/Controller IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6880 Datasheet(HTML) 16 Page - Princeton Technology Corp

Back Button PT6880 Datasheet HTML 12Page - Princeton Technology Corp PT6880 Datasheet HTML 13Page - Princeton Technology Corp PT6880 Datasheet HTML 14Page - Princeton Technology Corp PT6880 Datasheet HTML 15Page - Princeton Technology Corp PT6880 Datasheet HTML 16Page - Princeton Technology Corp PT6880 Datasheet HTML 17Page - Princeton Technology Corp PT6880 Datasheet HTML 18Page - Princeton Technology Corp PT6880 Datasheet HTML 19Page - Princeton Technology Corp PT6880 Datasheet HTML 20Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
OLED Driver/Controller IC
Preliminary
PT6880
C = "0" : Cursor OFF
B = "0" : Blinking OFF
4. Entry Mode Set:
I/D = "1" : Increment by 1
S = "0" : No Shift
The Busy Flag (BF) is in a busy state until the initialization is completed (BF="1"). The busy state
will be in effect 10 ms after the VDD rises to 4.5 Volts.
Please note that in order for the initialization by internal reset circuit to be successful, the electrical
characteristic conditions listed in the Electrical Characteristics Section must be complied with.
Otherwise, such initialization must be performed by instruction from the MPU.
Instructions
PT6880's Instruction Register (IR) and Data Register (DR) are the only registers that can be controlled by
the MPU. Prior to the commencement of it internal operation, PT6880 temporarily stores the control
information to its Instruction Register (IR) and Data Register (DR) in order to easily facilitate interface
with various types of MPU. The internal operation of the PT6880 are determined by the signals (RS,
R/WB, DB0 to DB7) that are sent from the MPU. These signals are categorized into 4 instructions types,
namely:
1.
Function Setting Instructions (i.e. Display, Format, Data Length etc.)
2.
Internal RAM Address Setting Instructions
3.
Data Transfer with Internal RAM Instructions
4.
Miscellaneous Function Instructions
The generally used instructions are those that execute data transfers with the internal RAM. However,
when the internal RAM addresses are auto incremented/decremented by 1 after each Data Write, the
program load of the MPU is lightened. The Display Shift Instruction can be executed at the same time as
the Display Data Write, thereby minimizing system development time with maximum programming
efficiency.
When an instruction is being executed for an internal operation, only the Busy Flag/Address Read
Instruction can be performed. The other instructions are not valid. It should be noted that during the
execution of an instruction, the Busy Flag is set to "1". The Busy Flag is set to "0" when the instructions
are can be accepted and executed. Therefore, the Busy Flag should be checked to make certain that BF =
"0" before sending another instruction from the MPU. If not, the time between the first instruction and the
next instruction is longer than the time it takes to execute the instruction itself.
Instruction
Code
Description
Max.
Execution
Time when
PT6880 pre 1.1
Page 16
Mar. 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com