Electronic Components Datasheet Search
  English  ▼

X  

PT6880 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6880
Description  OLED Driver/Controller IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6880 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6880 Datasheet HTML 1Page - Princeton Technology Corp PT6880 Datasheet HTML 2Page - Princeton Technology Corp PT6880 Datasheet HTML 3Page - Princeton Technology Corp PT6880 Datasheet HTML 4Page - Princeton Technology Corp PT6880 Datasheet HTML 5Page - Princeton Technology Corp PT6880 Datasheet HTML 6Page - Princeton Technology Corp PT6880 Datasheet HTML 7Page - Princeton Technology Corp PT6880 Datasheet HTML 8Page - Princeton Technology Corp PT6880 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
OLED Driver/Controller IC
Preliminary
PT6880
Description
PT6880 is an OLED Driver/Controller IC utilizing CMOS Technology specially designed to display
alphanumeric and Japanese kana characters as well as symbols and graphics. It can interface with either
4-bit or 8-bit Microprocessor and display up to one 8-character line or two 8-character lines.
Display RAM, Character Generator, OLED Driver as well as a wide range of instruction functions such as
Display Clear, Cursor Home, Display ON/OFF, Cursor ON/OFF, Display Character Blink, Cursor Shift,
Display Shift are all incorporated into a single chip having the highest performance and reliability. Pin
assignments and application circuit are optimized for easy PCB layout and cost saving advantages.
Features
CMOS Technology
Low Power Consumption
4-Bit or 8-Bit MPU Interface
High Speed MPU Interface: 2MHz (VDD =5V)
80 x 8-Bit Display RAM (80 characters max.)
Auto Reset Function
5 x 8 and 5 x 10 Dot Matrix
Built-in Oscillator with External Resistors
Programmable Duty Cycle:
- 1/8 Duty: (1 Display Line, 5 x 8 Dots with Cursor)
- 1/11 Duty: (1 Display Line, 5 x 10 Dots with Cursor)
- 1/16 Duty: (2 Display Lines, 5 x 8 Dots with Cursor)
9920-Bit Character Generator ROM (CGROM)
- 208 Character Fonts (5 x 8 dot matrix)
- 32 Character Fonts (5 x 10 dot matrix)
64 x 8-Bit Character Generator RAM (CGRAM)
- 8 Character Fonts (5 x 8 dot matrix)
- 4 Character Fonts ( 5 x 10 dot matrix)
16 Common x 40 Segment OLED Drivers
Available in C.O.B. or QFP Package
PT6880 pre 1.1
Page 1
Mar. 2002


Similar Part No. - PT6880

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6880 TI-PT6880 Datasheet
188Kb / 8P
5-A, 15-36-V Input Integrated Switching Regulator
PT6880 TI1-PT6880 Datasheet
219Kb / 10P
5A Non-Isolated Output
PT6880 TI1-PT6880_09 Datasheet
219Kb / 10P
5A Non-Isolated Output
More results

Similar Description - PT6880

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
VFD Driver/Controller IC
PT6355 PTC-PT6355 Datasheet
57Kb / 3P
VFD Driver/Controller IC
logo
List of Unclassifed Man...
SSD1332 ETC-SSD1332 Datasheet
367Kb / 24P
OLED/PLED Segment/Common Driver with Controller
logo
Princeton Technology Co...
PT6313-S PTC-PT6313-S Datasheet
314Kb / 20P
VFD Driver/Controller IC
PT6324 PTC-PT6324 Datasheet
347Kb / 4P
VFD Driver/Controller IC
PT6312 PTC-PT6312_10 Datasheet
323Kb / 21P
VFD Driver/Controller IC
PT6315 PTC-PT6315_10 Datasheet
531Kb / 17P
VFD Driver/Controller IC
PT6315-S PTC-PT6315-S_10 Datasheet
1Mb / 21P
VFD Driver/Controller IC
PT6355 PTC-PT6355_10 Datasheet
715Kb / 20P
VFD Driver/Controller IC
logo
List of Unclassifed Man...
SSD1330 ETC-SSD1330 Datasheet
3Mb / 4P
OLED Driver Controller
April 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com