Electronic Components Datasheet Search
  English  ▼

X  

PT6880 Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # PT6880
Description  OLED Driver/Controller IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6880 Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button PT6880 Datasheet HTML 6Page - Princeton Technology Corp PT6880 Datasheet HTML 7Page - Princeton Technology Corp PT6880 Datasheet HTML 8Page - Princeton Technology Corp PT6880 Datasheet HTML 9Page - Princeton Technology Corp PT6880 Datasheet HTML 10Page - Princeton Technology Corp PT6880 Datasheet HTML 11Page - Princeton Technology Corp PT6880 Datasheet HTML 12Page - Princeton Technology Corp PT6880 Datasheet HTML 13Page - Princeton Technology Corp PT6880 Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
OLED Driver/Controller IC
Preliminary
PT6880
To illustrate, for 2-line x 8 characters display, the relationship between the DDRAM address and
position of the OLED panel is shown below.
Display Position
1
2
3
4
5
6
7
8
00
01
02
03
04
05
06
07
DDRAM Address
40
41
42
43
44
45
46
47
01
02
03
04
05
06
07
08
Shift Left
41
42
43
44
45
46
47
48
27
00
01
02
03
04
05
06
Shift Right
67
40
41
42
43
44
45
46
Case 2: 16-Character x 2 Lines Display
PT6880 can be extended to display 16 characters x 2 lines by using the 40-output extension driver.
When there is a Display Shift operation, the DDRAM Address is also shifted. Please refer to the
example below.
Display Position
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
00
01
02
03
04
05
06
07
08
09 0A 0B 0C 0D 0E 0F
40
41
42
43
44
45
46
47
48
49 4A 4B 4C 4D 4E 4F
DDRAM
Address
PT6880 Display
Extension Driver Display
01
02
03
04
05
06
07
08
09 0A 0B 0C 0D 0E 0F
10
Shift Left
41
42
43
44
45
46
47
48
49 4A 4B 4C 4D 4E 4F
50
27
00
01
02
03
04
05
06
07
08
09 0A 0B 0C 0D 0E
Shift Right
67
40
41
42
43
44
45
46
47
48
49 4A 4B 4C 4D 4E
PT6880 pre 1.1
Page 10
Mar. 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com