Electronic Components Datasheet Search
  English  ▼

X  

VFD-L Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VFD-L
Description  User Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VFD-L Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VFD-L Datasheet HTML 1Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 2Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 3Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 4Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 5Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 6Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 7Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 8Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3
10cm
10cm
5cm
5cm
5cm
10cm
10cm
10cm
13.5cm
8cm
Connections:
Installations intended to meet UL and CUL requirements must follow the instructions
provided in “Wiring Notes” section below as a minimum standard. Where local codes
exceed these requirements, they must also be followed. Refer to the technical data label
affixed to the AC drive and the motor nameplate for electrical data.
Basic Wiring Diagram
Users must connect wiring according to the following circuit diagram shown below.
L/L1
N/L2
U/T1
V/T2
W/T3
IM
RS-485 Serial Interface
1EV
2GND
3SG
4SG+
PIN 1 & 2 are the power source for
the digital keypad and should not
be used while using RS-485
communication.
:+
:
:-
:
FWD/REV
RUN/STOP
Digital Signal
Common Terminal
Fault Output
(Open Collector)
Wire Gauge: 22-14 AWG
Torque: 10kgf-cm
(8.7 in-lbf)
*NOTE*: Do not plug a Modem or telephone line to the RS-485 communication port,
permanent damage may result. Terminals 2 & 5 are the power sources for the
optional copy keypad and should not be used while using RS-485
communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com