Electronic Components Datasheet Search
  English  ▼

X  

VFD-L Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VFD-L
Description  User Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VFD-L Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VFD-L Datasheet HTML 7Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 8Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 9Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 10Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 11Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 12Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 13Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 14Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
10
Content:
Address:
Function:
2100H
Error Codes
00: No error occurred
01: Over-current (oc)
02: Over-voltage (ov)
03: Overheat (oH)
04: Overload (oL)
05, 06: Reserved
07: CPU failure (cF3)
08 to 13: Reserved
14: Low voltage (Lv)
15: CPU failure 1 (cF1)
16: CPU failure 2 (cF2)
17 to 19: Reserved
20: Software protection
21: Operation error
22: OH Hardware failure cF3.1
23: OV Hardware failure cF3.2
24: LV Hardware failure cF3.3
26: Hardware failure cF3.5 (current detection)
30: Hardware failure hpf.2
31: Hardware failure hpf.3
Bit 0 to 1
00: STOP
01: Ramp stop
10: Zero speed
11: Operation
Bit 2
Reserved
Bit 3 to 4
00: Forward motion
01: from Reverse to Forward motion
10: from Forward to Reverse motion
11: Reverse motion
Bit 5 to 9
Reserved
Bit 10
1: Operation commands are controlled
by communication interface.
2101H
Bit 11 to 15
Reserved
2102H
Frequency Command F (XXX.XX)
2103H
Output Frequency H (XXX.XX)
2104H
Output Current A (X.XX)
2105H
DC-BUS Voltage (XXX)
Status monitor
(Read only)
2106H
Output Voltage E (XXX.X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com