Electronic Components Datasheet Search
  English  ▼

X  

VFD-L Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # VFD-L
Description  User Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VFD-L Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button VFD-L Datasheet HTML 8Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 9Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 10Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 11Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 12Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 13Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 14Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 15Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
14
Standard Specifications
Voltage Class
115V Class
230V Class
Model Number VFD-
L
A/B
40W
001
40W
001
Weight g (lb) A (standard)
270 (0.60)
440 (0.97) 260 (0.57) 430 (0.95)
Weight g (lb) B (build-in EMI filter)
350 (0.77)
525 (1.16) 340 (0.75) 510 (1.12)
Max. Applicable Motor Output (W)
25/40
60/100
25/40
60/100
Rated Output Capacity (VA)
106/152
212/303
106/152
212/303
Rated Output Current (A)
0.28/0.4
0.56/0.8
0.28/0.4
0.56/0.8
Maximum Output Voltage (V)
Two times proportion to
Input Voltage
Proportional to Input
Voltage
Rated Frequency (Hz)
1.00 to 120.00 Hz
Rated Voltage/Frequency
Single phase
100 to 120 VAC
50/60 Hz
Single phase
200 to 240 VAC 50/60Hz
Voltage/Freq. Tolerance
Voltage:
±10%, Frequency: ±5%
Input Current (A)
1.1A 1.5A 2.2A 3.0A 0.5A 0.7A 1.0A 1.4A
Control Systems
SVPWM (Space Vector Pulse Width Modulation,
carrier frequency 10kHz)
Torque Setting
High/Low, Switching
Overload Endurance
150% of rated current for 1 minute
Accel/Decel Time
0.05 to 30.0 seconds
Torque Promotion
Torque Boots: 0 or 8%
Frequency Setting
Potentiometer
Panel
RUN/STOP, FORWARD/REVERSE
Operation Setting
Signal
Ext. Terminal RUN/STOP, FORWARD/REVERSE, RS-485
Panel
Fault Indication (LED Flash)
Output Indiction
Ext. Terminal Fault Indication (Open Collector)
Protection
Self-testing, Over Voltage, Over Current, Under
Voltage, Overload, Overheating, Thermal.
Cooling
Natural air-cooling
Installation Location
Altitude 1,000m or lower, keep from corrosive
gasses, liquid and dust
Pollution Degree
2
Ambient Temperature
-10oC to 40oC (Non-Condensing and not frozen)
Storage Temperature
-20oC to 60oC
Ambient Humidity
Below 90% RH (non-condensing)
Vibration
9.80665m/s2 (1G) less than 20Hz, 5.88m/s2
(0.6G) at 20 to 50Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com