Electronic Components Datasheet Search
  English  ▼

X  

VFD-L Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # VFD-L
Description  User Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VFD-L Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button VFD-L Datasheet HTML 8Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 9Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 10Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 11Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 12Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 13Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 14Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 15Page - List of Unclassifed Manufacturers VFD-L Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
11
Exception Responses:
Except for broadcast messages, the AC drive is been expected to return a normal response
after receiving command messages from the master device. The following depicts the
conditions that no normal response is replied to the master device.
The AC drive does not receive the messages due to a communication error; thus, the AC
drive has no response. The master device will eventually process a timeout condition.
The AC drive receives the messages without a communication error, but cannot handle it,
an exception response will return to the master device. In the exception response, the most
significant bit of the original command code is set to 1, and an exception code explains the
condition that caused the exception is returned. An example of exception response of
command code 06H and exception code 02H:
STX
‘:’
3AH
‘0’
30H
ADDRESS 1
ADDRESS 0
‘1’
31H
FUNCTION
(CMD) 1
‘8’
38H
FUNCTION
(CMD) 0
‘6’
36H
‘0’
30H
EXCEPTION
CODE
‘2’
32H
‘7’
43H
LRC CHK 1
LRC CHK 0
‘7’
46H
CR
0DH
END 1
END 0
LF
0AH
The explanation of exception codes:
Exception codes:
Explanation
01
Illegal command code:
The command code received in the command message is not
available for the AC drive.
02
Illegal data address:
The data address received in the command message is not available
for the AC drive.
03
Illegal data value:
The data value received in the command message is over range for
the AC drive.
04
Slave device failure:
The AC drive is unable to perform the requested action.
09
Check Sum Error: Check if the Check Sum is correct.
20
Watchdog Timer: The timer will reset to 0 after each valid MODBUS
communication message is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com